Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7HL-DAC16B-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7HL-DAC16B-R
Description  Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7HL-DAC16B-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

Back Button R7HL-DAC16B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 8Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 9Page - M-System Co.,Ltd. R7HL-DAC16B-R Datasheet HTML 10Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
MODEL: R7HL
R7HL SPECIFICATIONS
ES-7812 Rev.18 Page 6/55
http://www.m-system.co.jp/
■ POWER SUPPLY (R7HL-DAC16ES)
NO.
ID
FUNCTION, NOTES
1
+24V
Power input (24V DC)
2
0V
Power input (0V)
3
F
F
G
G
1
2
3
Tension clamp terminal block
Cable connector: FMC1,5/16-ST-3,5 (Phoenix Contact)
(The cable connector is included in the package.)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
- AI0,25−10YE 0.25 mm2 (Phoenix Contact)
- AI0,34−10TQ 0.34 mm2 (Phoenix Contact)
- AI0,5−10WH 0.5 mm2 (Phoenix Contact)
- AI0,75−10GY 0.75 mm2 (Phoenix Contact)
- A1−10 1.0 mm2 (Phoenix Contact)
- A1,5−10 1.5 mm2 (Phoenix Contact)
■ POWER SUPPLY, SENSOR EXCITATION (R7HL-PA4E)
Recommended cable connector: 38104-00x-000FL*2 (3M)
(not included in the package)
No.
ID
(Power Supply)
ID
(Sensor Excitation)
4
0V
GND
3
0V
GND
2
24 V DC
+24 V
1
24 V DC
+24 V
4 3 2 1
*2 ‘x’ shows wire size. Refer to the manufacturer’s catalog.
■ POWER SUPPLY, NETWORK (Except R7HL-DAC16ES and R7HL-PA4E)
M3 separable screw terminals (torque 0.5 N·m)
Screw terminal material: Nickel-plated steel
Recommended solderless terminal
• Communication cables
Applicable wire size: 0.2 to 0.5 mm2 (AWG 26 to 22)
Recommended manufacturer: Japan Solderless Terminal MFG.Co.Ltd
• Power supply
Applicable wire size: 0.25 to 1.65 mm2 (AWG 22 to 16)
Recommended manufacturer: Japan Solderless Terminal MFG. Co., Ltd. or Nichifu Co., ltd.
• Full-duplex communication
NO.
ID
FUNCTION, NOTES
1
TXD +
Network (slave, transmission +)
2
TXD–
Network (slave, transmission – )
3
FG
FG
4
RXD+
Network (master, transmission +)
5
RXD –
Network (master, transmission – )
6
+24V
Power input (24V DC)
7
0V
Power input (0V)
4
RXD+
5
6
7
1
2
3
RXD– +24V 0V
TXD+ TXD– FG
• Half-duplex communication
NO.
ID
FUNCTION, NOTES
1
NC
No connection
2
NC
No connection
3
FG
FG
4
TR+
Network
5
TR–
Network
6
+24V
Power input (24V DC)
7
0V
Power input (0V)
4
TR
+
5
6
7
1
2
3
TR
– +24V
0V
NC
NC
FG
4 (.16) min
3.2 (.13) dia.
mm (inch)
3.3 (.13) max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com