Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GL Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE25QC200GL Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 3Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 4Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
2
Program/Erase Speed
Page Program time: 2ms typical
Page Erase time: 8ms typical
Sector/Block Erase time: 8ms typical
Chip Erase time: 8ms typical
Flexible Architecture
Sector of 4K-byte
Block of 32/64K-byte
Low Power Consumption
3mA maximum active current
0.6uA maximum power down current
Software/Hardware Write Protection
3x512-Byte Security Registers with OTP Lock
Enable/Disable protection with WP Pin
Write protect all/portion of memory via software protect
Top or Bottom, Sector or Block selection
Single Supply Voltage
Full voltage range: 1.65~2.0V
Temperature Range
Industrial (-40℃ to +85℃)
Cycling Endurance/Data Retention
Typical 100k Program-Erase cycles on any sector
Typical 20-year data retention



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com