Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GL Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 15Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 16Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 17Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
13
Status Register Memory Protection
Protect Table
Table5. ACE25QC200GL Status Register Memory Protection (CMP=0)
Status Register
(1)
ACE25QC200GL (2M-BIT) Memory Protection
(3)
BP4
BP3
BP2
BP1
BP0
Protected
Block(S)
Protected Addresses
Protected
Density
Protected
Portion
(2)
X
X
0
0
0
NONE
NONE
NONE
NONE
0
0
0
0
1
7
070000h – 07FFFFh
64KB
Upper 1/8
0
0
0
1
0
6 and 7
060000h – 07FFFFh
128KB
Upper 1/4
0
0
0
1
1
4 to 7
040000h – 07FFFFh
256KB
Upper 1/2
0
1
0
0
1
0
000000h – 00FFFFh
64KB
Lower 1/8
0
1
0
1
0
0 to 1
000000h – 01FFFFh
128KB
Lower 1/4
0
1
0
1
1
0 to 3
000000h – 03FFFFh
256KB
Lower 1/2
0
X
1
X
X
0 to 7
000000h – 07FFFFh
512KB
ALL
1
0
0
0
1
7
07F000h – 07FFFFh
4KB
U - 1/128
1
0
0
1
0
7
07E000h – 07FFFFh
8KB
U - 1/64
1
0
0
1
1
7
07C000h – 07FFFFh
16KB
U - 1/32
1
0
1
0
X
7
078000h – 07FFFFh
32KB
U - 1/16
1
0
1
1
0
7
078000h – 07FFFFh
32KB
U - 1/16
1
1
0
0
1
0
000000h – 000FFFh
4KB
L - 1/128
1
1
0
1
0
0
000000h – 001FFFh
8KB
L - 1/64
1
1
0
1
1
0
000000h – 003FFFh
16KB
L - 1/32
1
1
1
0
X
0
000000h – 007FFFh
32KB
L - 1/16
1
1
1
1
0
0
000000h – 007FFFh
32KB
L - 1/16
1
X
1
1
1
0 to 7
000000h – 07FFFFh
512KB
ALL
Notes:
1.
X = don’t care
2.
L = Lower; U = Upper
3.
If any Erase or Program instruction specifies a memory region that contains protected data portion, this
instruction will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com