Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC200GL Datasheet(PDF) 22 Page - ACE Technology Co., LTD.

Part # ACE25QC200GL
Description  2M BIT SPI NOR FLASH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC200GL Datasheet(HTML) 22 Page - ACE Technology Co., LTD.

Back Button ACE25QC200GL Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC200GL Datasheet HTML 26Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
ACE25QC200GL
2M BIT SPI NOR FLASH
VER 1.1
22
Write Status Register (01h)
The Write Status Register instruction allows the Status Registers to be written. The writable Status Register
bits include: SRP0, BP[4:0] in Status Register-1; CMP, LB[3:1], QE, SRP1 in Status Register- 2. All other
Status Register bit locations are read-only and will not be affected by the Write Status Register instruction.
LB[3:1] are non-volatile OTP bits, once it is set to 1, it cannot be cleared to 0.
The Write Status Register (WRSR) instruction allows new values to be written to the Status Register.
Before it can be accepted, a Write Enable (WREN) or Write Enable For Volatile SR instruction must
previously have been executed After the Write Enable (WREN) instruction has been decoded and executed,
the device sets the Write Enable Latch (WEL).
The Write Status Register instruction has no effect on S15(SUS1), S10(SUS2), S1(WEL) and S0(WIP) of
the Status Register. /CS must be driven high after the eighth or sixteen bit of the data byte has been latched
in. If not, the Write Status Register (WRSR) command is not executed. If
/CS is driven high after eighth bit of the data byte, the CMP and QE and SRP1 bits will be cleared to 0. As
soon as /CS is driven high, the self-timed Write Status Register cycle (whose duration is tW) is initiated.
While the Write Status Register cycle is in progress, the Status Register may still be read to check the value
of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Write Status
Register cycle, and is 0 when it is completed. When the cycle is completed, the Write Enable Latch (WEL)
is reset.
The Write Status Register instruction allows the user to change the values of the Block Protect (BP4, BP3,
BP2, BP1, and BP0) bits, to define the size of the area that is to be treated as read-only, as defined in
Table5 and Table6.The Write Status Register (WRSR) instruction also allows the user to set or reset the
Status Register Protect (SRP1 and SRP0) bits in accordance with the Write Protect (/WP) signal. The
Status Register Protect (SRP1 and SRP0) bits and Write Protect (/WP) signal allow the device to be put in
the Hardware Protected Mode. The Write Status Register instruction is not executed once the Hardware
Protected Mode is entered.
The sequence of issuing WRSR instruction is: /CS goes low→ sending WRSR instruction code→ Status
Register
data on SI→/CS goes high.
The /CS must go high exactly at the 8 bits or 16 bits data boundary; otherwise, the instruction will be
rejected and not executed. The self-timed Write Status Register cycle time (tW) is initiated as soon as Chip
Select (/CS) goes high. The Write in Progress (WIP) bit still can be checked during the Write Status
Register cycle is in progress. The WIP is set 1 during the tW timing, and is set 0 when Write Status Register
Cycle is completed, and the Write Enable Latch (WEL) bit is reset.
Figure 7. Write Status Register Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com