Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950403 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS950403
Description  AMD - K8??System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950403 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS950403 Datasheet HTML 7Page - Integrated Circuit Systems ICS950403 Datasheet HTML 8Page - Integrated Circuit Systems ICS950403 Datasheet HTML 9Page - Integrated Circuit Systems ICS950403 Datasheet HTML 10Page - Integrated Circuit Systems ICS950403 Datasheet HTML 11Page - Integrated Circuit Systems ICS950403 Datasheet HTML 12Page - Integrated Circuit Systems ICS950403 Datasheet HTML 13Page - Integrated Circuit Systems ICS950403 Datasheet HTML 14Page - Integrated Circuit Systems ICS950403 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
ICS950403
Advance Information
0732—01/27/03
Table 3: 7-Steps Skew Programming Table
7 Step
11
10
01
00
LSB
11
900 ps
750 ps
600 ps
450 ps
10
N/A
N/A
N/A
300 ps
01
N/A
N/A
N/A
150 ps
00
N/A
N/A
N/A
0.0 ps
MSB
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
PCISkw3
RW
0
Bit 6
PCISkw2
RW
0
Bit 5
PCISkw1
RW
0
Bit 4
PCISkw0
RW
0
Bit 3
PCI/HTTSkw3
RW
0
Bit 2
PCI/HTTSkw2
RW
0
Bit 1
PCI/HTTSkw1
RW
0
Bit 0
PCI/HTTSkw0
RW
0
I
2C Table: Group Skew Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
1
Bit 6
Reserved
Reserved
RW
-
-
1
Bit 5
Reserved
Reserved
RW
-
-
1
Bit 4
Reserved
Reserved
RW
-
-
1
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
Reserved
Reserved
RW
-
-
1
Bit 1
Reserved
Reserved
RW
-
-
1
Bit 0
Reserved
Reserved
RW
-
-
1
I
2C Table: Slew Rate Control Register
Pin #
Name
Control
Function
Type
0
1
PWD
Bit 7
Reserved
Reserved
RW
-
-
0
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
0
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
0
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
ASEL
Async Frequency
Select
RW
66.0MHz
75.4MHz
0
Bit 0
AEN
AGP/PCI/ Freq Source
Select
RW
Fix PLL
CPU PLL
1
CPU-PCICLK
/HTTCLK Skew Control
-
-
-
-
-
Byte 21
-
-
-
-
-
01
-
-
-
-
-
PWD
-
Byte 20
Pin #
Name
Type
-
-
-
-
See Table 3: 7-Steps Skew
Programming Table
Byte 19
Pin #
Type
CPU-PCICLK Skew
Control
0PWD
1
Name
See Table 3: 7-Steps Skew
Programming Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com