Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950403 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS950403
Description  AMD - K8??System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950403 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS950403 Datasheet HTML 8Page - Integrated Circuit Systems ICS950403 Datasheet HTML 9Page - Integrated Circuit Systems ICS950403 Datasheet HTML 10Page - Integrated Circuit Systems ICS950403 Datasheet HTML 11Page - Integrated Circuit Systems ICS950403 Datasheet HTML 12Page - Integrated Circuit Systems ICS950403 Datasheet HTML 13Page - Integrated Circuit Systems ICS950403 Datasheet HTML 14Page - Integrated Circuit Systems ICS950403 Datasheet HTML 15Page - Integrated Circuit Systems ICS950403 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
ICS950403
Advance Information
0732—01/27/03
I
2C Table: Drive Strength Control Register
Control
Function
Bit 7
PCI9/HTT3 DrCntrl
PCICLK9/HTTCLK3
Drive Strength Control
RW
1X
2X
1
Bit 6
PCI6Drv
PCICLK6 Drive
Strength Control
RW
1X
2X
1
Bit 5
PCI3Drv
PCICLK3 Drive
Strength Control
RW
1X
2X
1
Bit 4
PCI2Drv
PCICLK2 Drive
Strength Control
RW
1X
2X
1
Bit 3
PCIFDrv
PCICLK_F Drive
Strength Control
RW
1X
2X
1
Bit 2
24_48Drv
24_48MHz Drive
Strength Control
RW
1X
2X
1
Bit 1
PCI8/HTT2 DrCntrl
PCICLK8/HTTCLK2
Drive Strength Control
RW
1X
2X
1
Bit 0
PCI7/HTT1 DrCntrl
PCICLK7/HTTCLK1
Drive Strength Control
RW
1X
2X
1
I
2C Table: Slew Rate Control Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
1
Bit 6
Reserved
Reserved
RW
-
-
0
Bit 5
Reserved
Reserved
RW
-
-
1
Bit 4
Reserved
Reserved
RW
-
-
0
Bit 3
PCISlw1
RW
-
-
1
Bit 2
PCISlw0
RW
-
-
0
Bit 1
PCISlw1
RW
-
-
1
Bit 0
PCISlw0
RW
-
-
0
I
2C Table: Slew Rate Control Register
Control
Function
Bit 7
REFSlw1
RW
-
-
1
Bit 6
REFSlw0
RW
-
-
0
Bit 5
48MSlw1
RW
-
-
1
Bit 4
48MSlw0
RW
-
-
0
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
Reserved
Reserved
RW
-
-
0
Bit 1
Reserved
Reserved
RW
-
-
1
Bit 0
Reserved
Reserved
RW
-
-
1
48MHz Slew Rate
Control
PCICLK(1:0) Slew
Rate Control
PCICLK(10, 5:4) Slew
Rate Control
REF(2:0) Slew Rate
Control
01
-
PWD
-
Byte 24
Pin #
Name
Type
-
-
-
-
-
-
-
-
-
-
-
-
-
PWD
-
Byte 23
Pin #
Name
Type
-
-
1
0
-
-
-
-
PWD
-
-
Byte 22
Pin #
Name
Type
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com