Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950403 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950403
Description  AMD - K8??System Clock Chip
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950403 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950403 Datasheet HTML 1Page - Integrated Circuit Systems ICS950403 Datasheet HTML 2Page - Integrated Circuit Systems ICS950403 Datasheet HTML 3Page - Integrated Circuit Systems ICS950403 Datasheet HTML 4Page - Integrated Circuit Systems ICS950403 Datasheet HTML 5Page - Integrated Circuit Systems ICS950403 Datasheet HTML 6Page - Integrated Circuit Systems ICS950403 Datasheet HTML 7Page - Integrated Circuit Systems ICS950403 Datasheet HTML 8Page - Integrated Circuit Systems ICS950403 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Integrated
Circuit
Systems, Inc.
ICS950403
Advance Information
0732—01/27/03
Block Diagram
Functionality
Pin Configuration
Recommended Application:
AMD K8 System Clock with AMD, VIA or ALI Chipset
Output Features:
2 - Differential pair push-pull CPU clocks @
3.3V
9 - PCICLK (Including 1 free running) @ 3.3V
3 - Selectable PCICLK/HTTCLK @ 3.3V
1 - HTTCLK @ 3.3V
1 - 48MHz @ 3.3V fixed.
1 - 24/48MHz @ 3.3V
3 - REF @ 3.3V, 14.318MHz.
Features:
Programmable output frequency.
Programmable output divider ratios.
Programmable output rise/fall time.
Programmable output skew.
Programmable spread percentage for EMI
control.
Watchdog timer technology and RESET# output
to reset system
if system malfunctions.
Programmable watch dog safe frequency.
Support I
2C Index read/write and block read/
write operations.
Uses external 14.318MHz crystal.
Supports Hyper Transport Technology (HTTCLK).
AMD - K8™ System Clock Chip
ADVANCE INFORMATION documents contain information on products in the formative or design phase development. Characteristic data and other specifications are design goals.
ICS reserves the right to change or discontinue these products without notice. Third party brands and names are the property of their respective owners.
*FS0/REF0 1
48 REF1/FS1*
VDDREF 2
47 GND
X1 3
46 VDDREF
X2 4
45 REF2/FS2*
GND 5
44 Reset#
~*ModeA/HTTCLK0 6
43 VDDA
~*ModeB/PCICLK7/HTTCLK1 7
42 GND
~PCICLK8/HTTCLK2 8
41 CPUCLK8T0
VDDPCI 9
40 CPUCLK8C0
GND 10
39 GND
~PCICLK9/HTTCLK3 11
38 VDDCPU
PCICLK10 12
37 CPUCLK8T1
PCICLK0 13
36 CPUCLK8C1
PCICLK1 14
35 VDDCPU
GND 15
34 GND
VDDPCI 16
33 GND
~PCICLK2 17
32 PD#*
~PCICLK3 18
31 48MHz/FS3**
VDDPCI 19
30 GND
GND 20
29 AVDD48
PCICLK4 21
28 24_48MHz/Sel24_48#*~
PCICLK522
27GND
~PCICLK_F 23
26 SDATA
~PCICLK6 24
25 SCLK
48-SSOP
* Internal Pull-Up Resistor
** Internal Pull-Down Resistor
~ This Output has 2X Drive Strength
CPU
HTT
PCI
MHz
MHz
MHz
0
0
0
0
100.90
67.27
33.63
0
0
0
1
133.90
66.95
33.48
0
0
1
0
168.00
67.20
33.60
0
0
1
1
202.00
67.33
33.67
0
1
0
0
100.20
66.80
33.40
0
1
0
1
133.50
66.75
33.38
0
1
1
0
166.70
66.68
33.34
0
1
1
1
200.40
66.80
33.40
1
0
0
0
150.00
60.00
30.00
1
0
0
1
180.00
60.00
30.00
1
0
1
0
210.00
70.00
35.00
1
0
1
1
240.00
60.00
30.00
1
1
0
0
270.00
67.50
33.75
1
1
0
1
233.33
66.67
33.33
1
1
1
0
266.67
66.67
33.33
1
1
1
1
300.00
75.00
37.50
FS3
FS2
FS1
FS0
PLL2
PLL1
Spread
Spectrum
PCICLK (6:0, 10)
CPUCLKT (1:0)
CPUCLKC (1:0)
X1
X2
XTAL
OSC
CPU
DIVDER
PCI
DIVDER
Stop
SDATA
SCLK
PD#
FS (3:0)
SEL24_48#
MODE (A,B)
Control
Logic
REF (2:0)
48MHz
24_48MHz
/ 2
PCICLK_F
PCICLK/HTTCLK (3:1)
HTTCLK0
X 2
Config.
Reg.


Similar Part No. - ICS950403

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950401 ICST-ICS950401 Datasheet
108Kb / 14P
AMD - K8TM System Clock Chip
logo
Renesas Technology Corp
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950401YFLF-T RENESAS-ICS950401YFLF-T Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950401YGLF-T RENESAS-ICS950401YGLF-T Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
logo
Integrated Circuit Syst...
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
More results

Similar Description - ICS950403

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
AMD - K7??System Clock Chip
Rev C 01/24/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
AMD - K8 System Clock Chip
ICS9248-163 ICST-ICS9248-163 Datasheet
300Kb / 14P
AMD - K7 System Clock Chip
Rev A 9/22/00
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
AMD-K7 System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Renesas Technology Corp
ICS950401 RENESAS-ICS950401 Datasheet
288Kb / 15P
AMD - K8™ System Clock Chip
2019
ICS950405 RENESAS-ICS950405 Datasheet
351Kb / 17P
AMD - K8™ System Clock Chip
2019
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com