Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C55-5BA352I Datasheet(PDF) 78 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 78 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 74Page - Agere Systems OR3C55-5BA352I Datasheet HTML 75Page - Agere Systems OR3C55-5BA352I Datasheet HTML 76Page - Agere Systems OR3C55-5BA352I Datasheet HTML 77Page - Agere Systems OR3C55-5BA352I Datasheet HTML 78Page - Agere Systems OR3C55-5BA352I Datasheet HTML 79Page - Agere Systems OR3C55-5BA352I Datasheet HTML 80Page - Agere Systems OR3C55-5BA352I Datasheet HTML 81Page - Agere Systems OR3C55-5BA352I Datasheet HTML 82Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 210 page
background image
78
78
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Clock Manager (PCM)
(continued)
Table 29. PCM Oscillator Frequency Range 3Txxx
Note: Use of settings in the first three rows is not recommended.
X means don’t care.
Table 30. PCM Oscillator Frequency Range 3Cxx
Note: Use of settings in the first three rows is not recommended.
X means don’t care.
Register 4
76543210
Min
(MHz)
System
Clock
Output
Frequency
(MHz)
NOM
Max
(MHz)
T
Acquisition
(µs)
00XXX010
17.00
58.50
100.00
36.00
00XXX011
16.10
52.50
89.00
37.00
00XXX100
15.17
49.00
82.80
38.00
00XXX101
14.25
45.00
76.50
39.00
00XXX110
13.33
41.50
70.30
40.00
00XXX111
12.40
38.00
64.00
41.00
01XXX000
12.20
36.75
61.30
43.75
01XXX001
12.10
35.00
58.00
46.50
01XXX010
11.90
33.00
54.30
49.25
01XXX011
11.70
31.30
51.00
52.00
01XXX100
11.10
30.00
49.40
54.75
01XXX101
10.50
29.15
47.80
57.50
01XXX110
10.00
28.10
46.20
60.25
01XXX111
9.40
27.00
44.60
63.00
10000XXX
9.20
26.25
43.30
65.40
10001XXX
9.00
25.65
42.30
67.80
10010XXX
8.80
25.00
41.30
70.10
10011XXX
8.60
24.45
40.30
72.50
10100XXX
8.40
23.70
39.00
74.90
10101XXX
8.10
22.90
37.70
77.30
10110XXX
7.90
22.20
36.50
79.60
10111XXX
7.70
21.50
35.20
82.00
11000XXX
7.60
20.80
34.00
84.30
11001XXX
7.45
20.10
32.80
86.50
11010XXX
7.30
19.45
31.60
88.80
11011XXX
7.20
18.85
30.50
91.00
11100XXX
6.60
18.30
30.00
93.30
11101XXX
6.00
17.70
29.40
95.50
11110XXX
5.50
17.10
28.60
97.80
11111XXX
5.00
16.50
28.00
100.00
Register 4
76543210
Min
(MHz)
System
Clock
Output
Frequency
(MHz)
NOM
Max
(MHz)
T
Acquisition
(µs)
00XXX010 10.50
73.00
135.00
36.00
00XXX011 10.00
68.00
126.00
37.00
00XXX100
9.50
63.00
117.00
38.00
00XXX101
9.10
58.50
108.00
39.00
00XXX110
8.60
53.80
99.00
40.00
00XXX111
8.10
49.00
90.00
41.00
01XXX000
7.80
47.70
87.50
43.80
01XXX001
7.60
46.30
85.00
46.50
01XXX010
7.30
45.00
82.50
49.30
01XXX011
7.10
43.60
80.00
52.00
01XXX100
6.80
42.10
77.50
55.00
01XXX101
6.50
40.75
75.00
57.50
01XXX110
6.30
39.40
72.50
60.30
01XXX111
6.00
38.00
70.00
63.00
10000XXX
5.90
37.40
68.80
65.40
10001XXX
5.90
36.70
67.50
67.80
10010XXX
5.80
36.00
66.30
70.10
10011XXX
5.80
35.40
65.00
72.50
10100XXX
5.70
35.00
63.80
74.90
10101XXX
5.60
34.10
62.50
77.30
10110XXX
5.60
33.50
61.30
79.60
10111XXX
5.50
32.80
60.00
82.00
11000XXX
5.40
32.10
58.80
84.30
11001XXX
5.40
31.50
57.50
86.50
11010XXX
5.30
30.70
56.30
88.80
11011XXX
5.30
30.10
55.00
91.00
11100XXX
5.20
29.50
53.80
93.30
11101XXX
5.10
28.80
52.50
95.50
11110XXX
5.10
28.20
51.30
97.80
11111XXX
5.00
27.50
50.00
100.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com