Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C55-5BA352I Datasheet(PDF) 39 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 39 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 35Page - Agere Systems OR3C55-5BA352I Datasheet HTML 36Page - Agere Systems OR3C55-5BA352I Datasheet HTML 37Page - Agere Systems OR3C55-5BA352I Datasheet HTML 38Page - Agere Systems OR3C55-5BA352I Datasheet HTML 39Page - Agere Systems OR3C55-5BA352I Datasheet HTML 40Page - Agere Systems OR3C55-5BA352I Datasheet HTML 41Page - Agere Systems OR3C55-5BA352I Datasheet HTML 42Page - Agere Systems OR3C55-5BA352I Datasheet HTML 43Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 210 page
background image
Lucent Technologies Inc.
39
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Programmable Input/Output Cells (continued)
Zero-Hold Input
There are two options for zero-hold input capture in the PIO. If input delay mode is selected to delay the signal from
the input pin, data can be either registered or latched with guaranteed zero-hold time in the PIO using a system
clock.
To guarantee zero hold, the system clock spine structure must be used for clocking, as will be discussed later. The
fast zero-hold mode of the PIO input takes advantage of the latch/FF combination and sources the input FF data
from a dedicated latch that is clocked by the ExpressCLK from the PIC. The ExpressCLK is a clock from a dedi-
cated input pin designed for fast, low-skew operation at the I/Os and is described more fully in the Clock Distribu-
tion Network and PIC Interquad (MID) Routing sections that follow. The combination of ExpressCLK latch and
system clock FF guarantees a zero-hold capture of input data in the PIO FF, while at the same time reducing input
setup time. Figure 23 shows a schematic of the fast-capture latch/FF and a sample timing diagram.
5-5974(F)
Note: CE and LSR signals not shown.
Figure 23. Fast-Capture Latch and Timing
D Q
INPUT DATA
LATCH
CLK
O
I
EXPRESSCLK
O
I
SYSTEM CLK
CD = 1
CLOCK ENABLE
LOCAL SET/RESET
DQ
FF
S/R
CE
DATA OUT
TO PIC ROUTING
EXPRESSCLK
SYSTEM CLK
INPUT DATA
QLATCH
QFF
B
AC
D
E
B
AC
D
E
AB
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com