Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OR3C55-5BA352I Datasheet(PDF) 49 Page - Agere Systems

Part # OR3C55-5BA352I
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55-5BA352I Datasheet(HTML) 49 Page - Agere Systems

Back Button OR3C55-5BA352I Datasheet HTML 45Page - Agere Systems OR3C55-5BA352I Datasheet HTML 46Page - Agere Systems OR3C55-5BA352I Datasheet HTML 47Page - Agere Systems OR3C55-5BA352I Datasheet HTML 48Page - Agere Systems OR3C55-5BA352I Datasheet HTML 49Page - Agere Systems OR3C55-5BA352I Datasheet HTML 50Page - Agere Systems OR3C55-5BA352I Datasheet HTML 51Page - Agere Systems OR3C55-5BA352I Datasheet HTML 52Page - Agere Systems OR3C55-5BA352I Datasheet HTML 53Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 210 page
background image
Lucent Technologies Inc.
49
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
High-Level Routing Resources (continued)
PIC Interquad (MID) Routing
There is also connectivity between the PICs in each
quadrant, as well as a clock control (CLKCNTRL) mod-
ule (discussed in the Special Function Blocks section)
between the PIC routing and the interquad routing.
These blocks are called LMID (left), TMID (top), RMID
(right), and BMID (bottom). The TMID routing is shown
in Figure 30. As with the hIQ and vIQ blocks, the only
connectivity to the PIC routing is to the global pxH and
px5 segments.
The pxH segments from the one quadrant can be con-
nected through a CIP to its counterpart in the opposite
quadrant, providing a path that spans the array of
PICs. Since a passive CIP is used to connect the two
pxH segments, a 3-state signal can be routed on the
two pxH segments in the opposite quadrants, and then
connected through this CIP. As with the hIQ and vIQ
blocks, CIPs and buffers allow nibble-wide connections
between the interquad segments, the xH segments,
and the x5 segments.
5-5822(F)
Figure 30. Top (TMID) Routing
EXPRESSCLK RIGHT
PIC LOCAL CLOCKS
PIC LOCAL CLOCKS
pxL[9:0]
pxH[7:0]
px5[9:0]
px1[4:0]
pSW[7:4]
pSW[3:0]
pSW[7:4]
pSW[3:0]
px2[4:0]
in2[A:D] FROM LEFT
in[A:D] FROM RIGHT
CORNER ExpressCLK
FROM RIGHT
FROM LEFT
EXPRESSCLK LEFT
SHUTOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com