Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC401 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC401
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC401 Datasheet HTML 1Page - Bel Fuse Inc. ABC401 Datasheet HTML 2Page - Bel Fuse Inc. ABC401 Datasheet HTML 3Page - Bel Fuse Inc. ABC401 Datasheet HTML 4Page - Bel Fuse Inc. ABC401 Datasheet HTML 5Page - Bel Fuse Inc. ABC401 Datasheet HTML 6Page - Bel Fuse Inc. ABC401 Datasheet HTML 7Page - Bel Fuse Inc. ABC401 Datasheet HTML 8Page - Bel Fuse Inc. ABC401 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ABC401 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01060_B
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
AC Input Voltage
PS starts and operates at 90 VAC at all load conditions
90
100-240
264
VRMS
DC Input Voltage
170
-
270
VDC
Input Frequency
47
50/60
440
Hz
Input Current
RMS at 180 VAC, maximum load, 50 / 60 Hz
RMS at 90 VAC, maximum load, 50 / 60 Hz
-
-
2.5
5.0
A
Inrush Current
265 VAC, 25 °C ambient, cold start.
24, 28, 36, 48 V, no damage
12 V
-
-
-
-
-
20
A
Fusing
2x Time Lag 6.3 A, 250 V on both L and N
-
-
6.3
A
Efficiency
At 115 VAC
20% rated load
90
-
-
%
50 – 100 % rated load
92
-
-
At 230 VAC
20% rated load
90
-
-
50 – 100 % rated load
94
-
-
Input Power Consumption
Power on, 115-230 VRMS, no load
Stand by, 115-230 VRMS, no load
-
-
1
0.4
1.5
0.5
W
Power Factor
At full rated load, 115 VAC, 60 Hz and 230 VAC, 50 Hz input voltages
0.95
-
-
-
Harmonic Current
Fluctuations and Flicker
Complies with EN-61000-3-2 Class C at 230 VAC 50 Hz, load >50 W.
Complies with EN-61000-3-3 at nominal voltages and full load.
Earth Leakage Current
Normal conditions, 240 VRMS, 60 Hz.
300
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com