Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC401 Datasheet(PDF) 13 Page - Bel Fuse Inc.

Part # ABC401
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401 Datasheet(HTML) 13 Page - Bel Fuse Inc.

Back Button ABC401 Datasheet HTML 6Page - Bel Fuse Inc. ABC401 Datasheet HTML 7Page - Bel Fuse Inc. ABC401 Datasheet HTML 8Page - Bel Fuse Inc. ABC401 Datasheet HTML 9Page - Bel Fuse Inc. ABC401 Datasheet HTML 10Page - Bel Fuse Inc. ABC401 Datasheet HTML 11Page - Bel Fuse Inc. ABC401 Datasheet HTML 12Page - Bel Fuse Inc. ABC401 Datasheet HTML 13Page - Bel Fuse Inc. ABC401 Datasheet HTML 14Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ABC401 Series
13
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.01060_B
Overall Dimensions: 84.4 x 183.0 x 41.0 mm (3.32 x 7.20 x 1.61 in)
Weight:
625 g (1.416lb)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com