Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC401 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC401
Description  Universal input voltage range (90 ??264 VAC)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC401 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC401 Datasheet HTML 1Page - Bel Fuse Inc. ABC401 Datasheet HTML 2Page - Bel Fuse Inc. ABC401 Datasheet HTML 3Page - Bel Fuse Inc. ABC401 Datasheet HTML 4Page - Bel Fuse Inc. ABC401 Datasheet HTML 5Page - Bel Fuse Inc. ABC401 Datasheet HTML 6Page - Bel Fuse Inc. ABC401 Datasheet HTML 7Page - Bel Fuse Inc. ABC401 Datasheet HTML 8Page - Bel Fuse Inc. ABC401 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
ABC401 Series
tech.support@psbel.com
PARAMETER
DESCRIPTION / CONDITION
MIN
NOM
MAX
UNIT
V1 Output Voltage
0.5% set point accuracy for all voltage variants
-
-
-
-
-
12
24
28
36
48
-
-
-
-
-
V
V1 Output Power Rating
All voltages, convection cooled models,
All voltages, fan cooled + forced air cooled (> 400 LFM) models
All models, peak power (
≤ 10 s)
250
400
440
W
V1 Output Current
V1: 12 VDC
V1: 24 VDC
V1: 28 VDC
V1: 36 VDC
V1: 48 VDC
33.3
16.7
14.3
11.1
8.3
A
V1 Voltage Adjustment Range
-
-
±5
%V1
V1 Load-Line-Cross Regulation
VAC: 90 – 264 VRMS
V1 Load: 0 – 33.3 A (12 V)
0 – 16.7 A (24 V)
0 – 14.3 A (28 V)
0 – 13.9 A (36 V)
0 – 8.3 A (48 V)
V2 Load: 0 – 1 A
5VSB Load: 0 – 2 A
-
-
±2
%V1
V1 Line Regulation
VAC: 90 – 264 VRMS
-
-
±0.1
%V1
Transient Response
(Voltage Deviation)
V1, 5VSB
25% load changes at 1 A/µs
12V at 2200 µF Load / IOUT> 0.5 A
24 V at 1000 µF Load / IOUT> 0.5 A
28 V at 1000 µF Load / IOUT> 0.5 A
36 V at 820 µF Load / IOUT> 0.5 A
48V at 560 µF Load / IOUT> 0.5 A
5VSB at 560 µF Load / IOUT> 0.1 A
-
-
±5
%V1
%5VSB
V1 Ripple and Noise
All models, Peak-to-peak, 20 MHz BW.
100 nF ceramic and 10 µF tantalum caps at the load.
-
-
1
%V1
Start-up Rise Time
90<VIN<264, any load conditions.
5
-
85
ms
Start-up Delay
V1 in regulation after PS_ON is asserted
V1 in regulation after AC is applied
5VSB in regulation after AC is applied
-
-
200
750
500
ms
Turn-on Overshoot
At I1 = 500 mA, V1 in regulation within 50 ms.
-
10
10
10
-
%V1
%V2
%VSB
Hold-up Time
At nominal VIN, 400 W, for all models
At nominal VIN, 365 W, for all models
At nominal VIN, 200 W, for all models
-
-
-
16
20
35
-
-
-
ms
Minimum Load *
All models; V1, V2 and 5 VSB
0
-
-
A
Maximum Load Capacitance
At nominal VIN, 25 °C ambient
12 V
24 V
28 V
36 V
48 V
-
-
-
-
-
-
-
-
-
33000
16000
14300
10000
7000
µF
Temperature Drift
-1.2
-
+1.2
mV/°C
V2 Output Voltage
(*)
All models.
Load on V2: from 5 to 1000 mA
Load on V1: from 0.1 to I1 rated
11.35
11.5
12.65
V
V2 Output Current (I2)
Convection / forced air cooling
-
-
1
A
5VSB Output Voltage
3% set point accuracy
-
5
-
V
5VSB Output Current (I5VSB)
Convection cooled models
Fan cooled + forced air cooled (> 400 LFM) models
-
-
-
-
1.5
2
A
5VSB Load-Line-Cross regulation
VAC: 90 – 264 VRMS
V1 Load: 0 – 33.3 A (12 V)
0 – 16.7 A (24 V)
0 – 14.3 A (28 V)
0 – 13.9 A (36 V)
0 – 8.3 A (48 V)
V2 Load: 0 – 1 A
5VSB Load: 0 – 2 A
-
-
±5
%5VSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com