Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-PA8A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-PA8A-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-PA8A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7I4DECT-1-PA8A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: R7I4DECT-1-PA8A
R7I4DECT-1-PA8A SPECIFICATIONS
ES-7779-F Rev.0 Page 3/7
http://www.m-system.co.jp/
EXTERNAL VIEW
Fixed Address Setting Rotary SW
Reset Input Connector
Status Indicator LEDs
RJ-45 Modular jack for
EtherCAT communication
PC Configurator Jack
CNFG.
X16
Dev. ID
PWR
RUN
ERR
L/A IN
L/A OUT
PI7
PI6
PI5
PI4
PI0
PI1
PI2
PI3
1
4
1
4
X1
0 1
E
F
0 1
E
F
Pulse Input Terminals
RST
PI0
PI1
PI2
PI3
PI4
PI5
PI6
PI7
RST
Pulse Input
Status Indicator
LEDs
Reset Input
Status Indicator
LED
Terminals for
power supply &
sensor excitation
TERMINAL ASSIGNMENTS
■ PULSE INPUT TERMINAL
1
4
PI0
PI1
PI2
PI3
PI4
PI5
PI6
PI7
• e-CON connector
Recommended cable connector: 37104-( )-000FL (3M Company)
(The cable connector is not included in the package.
Specify wire size instead of ( ); refer to the specifications of the product.)
PIN No.
ID
FUNCTION
PIN No.
ID
FUNCTION
PI0
1
+24V
24V DC
PI4
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
PI0
Pulse Input 0
4
PI4
Pulse Input 4
PI1
1
+24V
24V DC
PI5
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
PI1
Pulse Input 1
4
PI5
Pulse Input 5
PI2
1
+24V
24V DC
PI6
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
PI2
Pulse Input 2
4
PI6
Pulse Input 6
PI3
1
+24V
24V DC
PI7
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
4
PI3
Pulse Input 3
4
PI7
Pulse Input 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com