Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-PA8A-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-PA8A-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-PA8A-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R7I4DECT-1-PA8A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: R7I4DECT-1-PA8A
R7I4DECT-1-PA8A SPECIFICATIONS
ES-7779-F Rev.0 Page 2/7
http://www.m-system.co.jp/
2.5 mA
Input current: ≤ 11.2 mA per point at 24 V DC
Input resistance: Approx. 2 kΩ
Maximum input frequency: 10 kHz
Pulse input minimum pulse width: ≥ 20 μsec. for both ON
and OFF
Reset input minimum pulse width: ≥ 1 msec. for both ON
and OFF
Accumulated pulse count: 0 - 4 294 967 295
Maximum accumulated pulse count: 1 - 4 294 967 295
Overflow reset value: 0 or 1
Count reset: Host PC/PLC or external reset
Preset pulse count: Can be set to a desired value from the
host device or on PC configurator software.
INSTALLATION
Current consumption: Approx. 50 mA (rated current 8 A)
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail (35 mm rail)
Weight: 170 g (0.37 lb)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(input or sensor excitation to EtherCAT or FE to power)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
PC CONFIGURATOR
The following parameters can be set with using PC
Configurator Software (model: R7CFG)
Refer to the users manual for the R7CFG for detailed
operation of the software program.
■ CHANNEL INDIVIDUAL SETTING
PARAMETER
SETTING RANGE
DEFAULT
Unused channels
Invalid (checked),
Valid (unchecked)
Valid
Maximum accumulated
pulse count
1 to 4294967295
4294967295
Over ow reset value
0 or 1
0
Preset pulse count
0 to max. accumu-
lated pulse count
0
■ CHANNEL BATCH SETTING
PARAMETER
SETTING RANGE
DEFAULT
Edge direction for
counting pulses
Falling edge
(DI-ON) or
Rising edge
(DI-OFF)
Falling edge
(DI-ON)
Edge direction for
resetting pulse count by
reset terminal
Falling edge
(DI-ON) or
Rising edge
(DI-OFF)
Falling edge
(DI-ON)
Pulse count reset by
reset terminal
Enable or Disable
Disable
Pulse count reset /
preset by master
Enable or Disable
Disable



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com