Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7I4DECT-1-PA8A-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7I4DECT-1-PA8A-R
Description  Remote I/O R7I4D Series EtherCAT I/O MODULE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7I4DECT-1-PA8A-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7I4DECT-1-PA8A-R Datasheet HTML 1Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 2Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 3Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 4Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 5Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 6Page - M-System Co.,Ltd. R7I4DECT-1-PA8A-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MODEL: R7I4DECT-1-PA8A
R7I4DECT-1-PA8A SPECIFICATIONS
ES-7779-F Rev.0 Page 4/7
http://www.m-system.co.jp/
■ RESET INPUT TERMINAL
1
4
RST
PIN NO.
ID
FUNCTION
RST 1
+24V
24V DC
2
NC
Unused
3
GND
0V
4
RST
Reset Input
■ POWER SUPPLY, SENSOR EXCITATION
Cable connector: TFMC1,5 / 5–STF–3,5
(Phoenix Contact) (included in the package)
Applicable wire size: 0.2 − 1.5 mm2; stripped length 10 mm
Recommended solderless terminal
• AI0,25−10YE
0.25 mm2 (Phoenix Contact)
• AI0,34−10TQ
0.34 mm2 (Phoenix Contact)
• AI0,5−10WH
0.5 mm2 (Phoenix Contact)
• AI0,75−10GY
0.75 mm2 (Phoenix Contact)
• A1−10
1.0 mm2 (Phoenix Contact)
• A1,5−10
1.5 mm2 (Phoenix Contact)
1
2
3
4
5
1. PWR+
2. PWR–
3. FE
4. SNSR.EXC+
5. SNSR.EXC–
Power Supply
Power Supply
Functional earth
Sensor excitation
Sensor excitation
Note: The numbers marked on the connector have no relationship to the pin number of the unit.
Wire according to the instruction manual of the unit.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com