Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DA32B-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DA32B-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DA32B-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R7K4DML-B-DA32B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MODEL: R7K4DML-B-DA32B
R7K4DML-B-DA32B SPECIFICATIONS
ES-7776-F Rev.0 Page 3/8
http://www.m-system.co.jp/
EXTERNAL VIEW
PWR
X 0
1
2
3
4
5
6
7
X 8
9
A
B
C
D
E
F
X 10 11 12 13 14 15 16 17
X 18 19 1A 1B 1C 1D 1E 1F
ERR
RD
SD
SW1
ON
×10
×1
STATION ADD.
X10
X11
X12
X13
X14
X15
X16
X17
X0
X1
X2
X3
X4
X5
X6
X7
X18
X19
X1A
X1B
X1C
X1D
X1E
X1F
X8
X9
XA
XB
XC
XD
XE
XF
1
4
1
4
Status Indicator LED
Station Address Setting
Rotary SW
Input Connector
Power Supply
Sensor Exc. Connector
Operating Mode Setting
DIP SW (SW1)
Discrete Input
Status Indicator LED
MECHATROLINK
Connector



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com