Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DA32B-R Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DA32B-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DA32B-R Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  R7K4DML-B-DA32B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MODEL: R7K4DML-B-DA32B
R7K4DML-B-DA32B SPECIFICATIONS
ES-7776-F Rev.0 Page 6/8
http://www.m-system.co.jp/
MECHATROLINK RELATED COMMANDS
R7K4DML (Simple I/O) communicates with I/O service with no processor, therefore it uses a connectionless communication protocol.
There is no application layer either; the R7K4DML interchanges I/O data via data link layer.
■ MECHATROLINK DATA LINK LAYER COMMAND DESCRIPTIONS
The following tables explain the two Commands supported by the R7K4DML.
• MDS Command (04H) Data Format
BYTE
COMMAND
RESPONSE
REMARKS
0
MDS (04H)
S(0) (90H)
Message Data Search (MDS) Command: Read the ID from slave station(s)
S(0): Response to MDS
1
0
ID
2
0
3
0
0
All 0
4
0
0
5
0
0
6
0
0
7
0
0
8
0
0
9
0
0
10
0
0
11
0
0
12
0
0
13
0
0
14
0
0
15
0
0
16
0
0
17
:
31
0
:
0
0
:
0
Byte 17 through 31 are always 0 in the 32-byte mode.
These bytes are unavailable for MECHATROLINK-I and MECHATROLINK-II
in the 17-byte mode.
• CDRW Command (03H) Data Format
BYTE
COMMAND
RESPONSE
REMARKS
0
CDRW (03H)
ACK (01H)
Cyclic Data Read/Write (CDRW) Command: Link transmission
Acknowledge (ACK): Positive response to CDRW
1
Out Data: Lowest
In Data: Lowest
Order of data: Little Endian
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Out Data: Highest
In Data: Highest
17
:
31
(Out Data: Highest)
(In Data: Highest)
Byte 17 through 31 are unavailable for MECHATROLINK-I and
MECHATROLINK-II in the 17-byte mode.
(Only available for MECHATROLINK-II in the 32-byte mode)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com