Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7K4DML-B-DA32B-R Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R7K4DML-B-DA32B-R
Description  Remote I/O R7K4D Series MECHATROLINK I/O MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R7K4DML-B-DA32B-R Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R7K4DML-B-DA32B-R Datasheet HTML 1Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 2Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 3Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 4Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 5Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 6Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 7Page - M-System Co.,Ltd. R7K4DML-B-DA32B-R Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MODEL: R7K4DML-B-DA32B
R7K4DML-B-DA32B SPECIFICATIONS
ES-7776-F Rev.0 Page 4/8
http://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
■ INPUT TERMINAL ASSIGNMENT
X10
X11
X12
X13
X14
X15
X16
X17
X0
X1
X2
X3
X4
X5
X6
X7
X18
X19
X1A
X1B
X1C
X1D
X1E
X1F
X8
X9
XA
XB
XC
XD
XE
XF
1
4
1
4
• e-CON connector
Recommended cable connector: 37104-( )-000FL (3M Company)
(The cable connector is not included in the package. Specify wire size instead of ( ); refer to the specifications of the product.)
No.
ID
FUNCTION
No.
ID
FUNCTION
No.
ID
FUNCTION
No.
ID
FUNCTION
X0
1
+24V
24V DC
X8
1
+24V
24V DC
X10
1
+24V
24V DC
X18
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X0
Input 0
4
X8
Input 8
4
X10
Input 16
4
X18
Input 24
X1
1
+24V
24V DC
X9
1
+24V
24V DC
X11
1
+24V
24V DC
X19
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X1
Input 1
4
X9
Input 9
4
X11
Input 17
4
X19
Input 25
X2
1
+24V
24V DC
XA
1
+24V
24V DC
X12
1
+24V
24V DC
X1A
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X2
Input 2
4
XA
Input 10
4
X12
Input 18
4
X1A
Input 26
X3
1
+24V
24V DC
XB
1
+24V
24V DC
X13
1
+24V
24V DC
X1B
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X3
Input 3
4
XB
Input 11
4
X13
Input 19
4
X1B
Input 27
X4
1
+24V
24V DC
XC
1
+24V
24V DC
X14
1
+24V
24V DC
X1C
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X4
Input 4
4
XC
Input 12
4
X14
Input 20
4
X1C
Input 28
X5
1
+24V
24V DC
XD
1
+24V
24V DC
X15
1
+24V
24V DC
X1D
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X5
Input 5
4
XD
Input 13
4
X15
Input 21
4
X1D
Input 29
X6
1
+24V
24V DC
XE
1
+24V
24V DC
X16
1
+24V
24V DC
X1E
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X6
Input 6
4
XE
Input 14
4
X16
Input 22
4
X1E
Input 30
X7
1
+24V
24V DC
XF
1
+24V
24V DC
X17
1
+24V
24V DC
X1F
1
+24V
24V DC
2
NC
Unused
2
NC
Unused
2
NC
Unused
2
NC
Unused
3
GND
0V
3
GND
0V
3
GND
0V
3
GND
0V
4
X7
Input 7
4
XF
Input 15
4
X17
Input 23
4
X1F
Input 31



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com