Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8101 Datasheet(PDF) 39 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 39 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 35Page - LSI Computer Systems 8101 Datasheet HTML 36Page - LSI Computer Systems 8101 Datasheet HTML 37Page - LSI Computer Systems 8101 Datasheet HTML 38Page - LSI Computer Systems 8101 Datasheet HTML 39Page - LSI Computer Systems 8101 Datasheet HTML 40Page - LSI Computer Systems 8101 Datasheet HTML 41Page - LSI Computer Systems 8101 Datasheet HTML 42Page - LSI Computer Systems 8101 Datasheet HTML 43Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
Receive MAC
2-21
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Undersize packets are packets whose length is less than the minimum
packet size. Minimum packet size is defined to be 64 bytes, exclusive of
preamble and SFD. If a received packet is an undersize packet, the
frame is determined to be invalid and is discarded. Refer to Section 2.13,
“Packet Discard” for more information about discards. Clearing the
DIS_USIZE bit in “Register 8–Configuration 2‚" Section 4.3.9, programs
the controller not to discard an undersize packet.
2.8.8 Maximum Packet Size
The maximum packet size used for receive MAC frame validity checking
is programmed to be one of four values, 1518, 1522, 1535 or unlimited
bytes. Setting the RMXPKT[1:0] receive MAC maximum packet size
select bits in “Register 9–Configuration 3‚" Section 4.3.10, and the
DIS_OSIZE bit in “Register 8–Configuration 2‚" Section 4.3.9, as shown
in Table 2.6. programs the controller to discard packets that exceed the
maximum packet size selected. This selection is also described in the
register descriptions for those registers.
The bits shown in Table 2.6 affect the receive MAC section only; the
maximum packet size for the management counters is described in
Section 2.19, “Counters”.
2.8.9 MAC Control Frame Check
The length/type field is checked to detect whether the packet is a valid
MAC control frame. Refer to Section 2.17, “MAC Control Frames” for
more details on MAC control frames.
Table 2.6
Receive Maximum Packet Size Selection
Register 8
DIS_OSIZE Bit
Register 9
RMXPKT [1:0] Bits
Maximum
Packet Size (Bytes)
0b0
xx1
1. xx = Don’t Care
unlimited
0b1
0b10
1535
0b1
0b01
1522
0b1
0b00
1518



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com