Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8101 Datasheet(PDF) 13 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 13 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 9Page - LSI Computer Systems 8101 Datasheet HTML 10Page - LSI Computer Systems 8101 Datasheet HTML 11Page - LSI Computer Systems 8101 Datasheet HTML 12Page - LSI Computer Systems 8101 Datasheet HTML 13Page - LSI Computer Systems 8101 Datasheet HTML 14Page - LSI Computer Systems 8101 Datasheet HTML 15Page - LSI Computer Systems 8101 Datasheet HTML 16Page - LSI Computer Systems 8101 Datasheet HTML 17Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 172 page
background image
xiii
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Figures
2.1
8101/8104 Block Diagram
2-3
2.2
Ethernet MAC Frame Format
2-4
2.3
Frame Formats and Bit Ordering
2-5
2.4
Little Endian vs. Big Endian Format
2-9
2.5
RXSOF/RXEOF Position
2-13
2.6
AutoNegotiation Data Format
2-39
2.7
Autogenerated Pause Frame Format
2-45
3.1
8101/8104 Interface Diagram
3-2
5.1
Gigabit Ethernet Switch Port Using the 8101/8104
5-2
5.2
Decoupling Recommendations
5-17
6.1
Input Clock Timing
6-4
6.2
Transmit System Interface Timing
6-6
6.3
Receive System Interface Timing
6-8
6.4
Receive System Interface RXABORT Timing
6-9
6.5
Receive System Interface RXOEn Timing
6-9
6.6
System Interface RXDC/TXDC Timing
6-10
6.7
Transmit 10-Bit PHY Interface Timing
6-11
6.8
Receive 10-Bit PHY Interface Timing
6-12
6.9
Register Interface Timing (Excluding Counter
Read Cycle)
6-14
6.10
Register Interface Timing, Counter Read Cycle
(of the Same Counter)
6-15
6.11
Register Interface Timing, Counter Read Cycle
(Between Different Counters)
6-16
6.12
8101 208-Pin PQFP Pinout
6-17
6.13
8104 208-Pin BGA Pinout
6-19
6.14
208-Pin PQFP Mechanical Drawing
6-21
6.15
208 mini-BGA (HG) Mechanical Drawing
6-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com