Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8101 Datasheet(PDF) 67 Page - LSI Computer Systems

Part # 8101
Description  Gigabit Ethernet Controller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

8101 Datasheet(HTML) 67 Page - LSI Computer Systems

Back Button 8101 Datasheet HTML 63Page - LSI Computer Systems 8101 Datasheet HTML 64Page - LSI Computer Systems 8101 Datasheet HTML 65Page - LSI Computer Systems 8101 Datasheet HTML 66Page - LSI Computer Systems 8101 Datasheet HTML 67Page - LSI Computer Systems 8101 Datasheet HTML 68Page - LSI Computer Systems 8101 Datasheet HTML 69Page - LSI Computer Systems 8101 Datasheet HTML 70Page - LSI Computer Systems 8101 Datasheet HTML 71Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 172 page
background image
Counters
2-49
Copyright © 2000–2001 by LSI Logic Corporation. All rights reserved.
Table 2.14
Counter Definition
Counter
Number
Counter Name
(MIB Object Name)
Counter Description
RX/TX
Definition
Size
(Bits)
Register
Address
REGAD[7:0]
(Low/High)
RMON Statistics Group MIB (RFC 1757)
1
etherStatsDropEvents
RX
Packets with receive FIFO overflow
error.
32
0b10000000
0b10000001
2
etherStatsOctets
RX
Bytes, exclusive of preamble, in good
or bad packets. Bytes in packets
with bad SFD are excluded.1
32
0b10000010
0b10000011
3
etherStatsPkts
RX
All packets, good or bad.1
32
0b10000100
0b10000101
4
etherStatsBroadcastPkts
RX
Broadcast packets, good only.1
32
0b10000110
0b10000111
5
etherStatsMulticastPkts
RX
Multicast packets, good only.1
32
0b10001000
0b10001001
6
etherStatsCRCAlignErrors
RX
Packets of legal-length with CRC error
or alignment error.
There are no alignment errors in 8B10B
Gigabit Ethernet, so this counter will
only count CRC errors for legal length
packets.
32
0b10001010
0b10001011
7
etherStatsUndersizePkts
RX
Packets of length < 64 bytes with no
other errors.
32
0b10001100
0b10001101
8
etherStatsOversizePkts
RX
Packets of length > Max_Packet_Length
with no other errors.
32
0b10001110
0b10001111
9
etherStatsFragments
RX
Packets of length < 64 bytes with CRC
error or alignment error.
There are no alignment errors in 8B10B
Gigabit Ethernet, so this counter will
only count CRC errors with length < 64.
32
0b10010000
0b10010001
10
etherStatsJabber
RX
Packets of length > Max_Packet_Length
with CRC error or alignment error.
There is no jabber function in Gigabit
Ethernet, so this counter is undefined.
32
0b10010010
0b10010011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com