Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC0702NLS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # ISC0702NLS
Description  OptiMOSTM5 Power-Transistor, 60 V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC0702NLS Datasheet(HTML) 1 Page - Infineon Technologies AG

  ISC0702NLS Datasheet HTML 1Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 2Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 3Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 4Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 5Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 6Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 7Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 8Page - Infineon Technologies AG ISC0702NLS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
ISC0702NLS
Rev.2.0,2021-03-08
Final Data Sheet
Pin 1
2
3
4
4
3
2
1
5
6
7
8
5
6
7
8
PG-TDSON-8
Drain
Pin 5-8
Gate
Pin 4
Source
Pin 1-3
*1
*1: Internal body diode
MOSFET
OptiMOSTM5Power-Transistor,60V
Features
•Idealforhigh-frequencyswitching
•Optimizedforcharger
•100%avalanchetested
•Superiorthermalresistance
•N-channel,logiclevel
•Pb-freeleadplating;RoHScompliant
•Halogen-freeaccordingtoIEC61249-2-21
•Qualifiedforstandardgradeapplications
Productvalidation
QualifiedaccordingtoJEDECStandard
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS
60
V
RDS(on),max
2.8
m
ID
135
A
Qoss
35
nC
QG(0V..4.5V)
21
nC
Type/OrderingCode
Package
Marking
RelatedLinks
ISC0702NLS
PG-TDSON-8
0702NL
-


Similar Part No. - ISC0702NLS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISC0703NLS INFINEON-ISC0703NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
More results

Similar Description - ISC0702NLS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD050N10N5 INFINEON-IPD050N10N5 Datasheet
972Kb / 11P
OptiMOSTM5 Power-Transistor, 100 V
Rev.2.1,2017-01-17
IST011N06NM5 INFINEON-IST011N06NM5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2020-11-23
ISC009N06LM5 INFINEON-ISC009N06LM5 Datasheet
933Kb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-08
ISC0703NLS INFINEON-ISC0703NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
ISZ034N06LM5 INFINEON-ISZ034N06LM5 Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12
ISZ0702NLS INFINEON-ISZ0702NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-15
ISZ0703NLS INFINEON-ISZ0703NLS Datasheet
1Mb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev.2.0,2021-03-12
BSC012N06NS INFINEON-BSC012N06NS Datasheet
906Kb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.3, 2020-02-28
ISC010N06NM5 INFINEON-ISC010N06NM5 Datasheet
988Kb / 11P
OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2021-08-27
IPT009N06NM5 INFINEON-IPT009N06NM5 Datasheet
884Kb / 11P
MOSFET OptiMOSTM5 Power-Transistor, 60 V
Rev. 2.0, 2023-03-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com