Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD253C3 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD253C3
Description  6-14 GHz High IP3 Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD253C3 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD253C3 Datasheet HTML 1Page - Qorvo, Inc CMD253C3 Datasheet HTML 2Page - Qorvo, Inc CMD253C3 Datasheet HTML 3Page - Qorvo, Inc CMD253C3 Datasheet HTML 4Page - Qorvo, Inc CMD253C3 Datasheet HTML 5Page - Qorvo, Inc CMD253C3 Datasheet HTML 6Page - Qorvo, Inc CMD253C3 Datasheet HTML 7Page - Qorvo, Inc CMD253C3 Datasheet HTML 8Page - Qorvo, Inc CMD253C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD253C3 is a high IP3 double balanced
mixer in a leadless surface mount package that
can be used for up- and downconverting
applications between 6 and 14 GHz.
The
CMD253C3 has very high isolation to both the
RF and IF ports due to the optimized balun
structures, and can operate with an LO drive
level as low as +15 dBm. The CMD253C3 can
easily be configured as an image reject mixer or
single sideband modulator with external hybrids
and power splitters.
► Low conversion loss
► High IP3
► High Isolation
► Wide IF bandwidth
► Pb-free RoHs compliant 3x3 mm SMT package
Electrical Performance - IF = 100 MHz, LO = +19 dBm , TA = 25
oC, F = 10 GHz
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, RF & LO
GHz
Frequency Range, IF
DC
5
GHz
Conversion Loss
6
dB
LO to RF Isolation
43
dB
LO to IF Isolation
39
dB
RF to IF Isolation
23
dB
Input P1dB
15
dBm
6 - 14
Input IP3
23
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.0 1017
CMD253C3
6-14 GHz High IP3 Fundamental Mixer


Similar Part No. - CMD253C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
More results

Similar Description - CMD253C3

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD177 MMIC-CMD177 Datasheet
551Kb / 11P
6-14 GHz Fundamental Mixer
CMD177C3 MMIC-CMD177C3 Datasheet
237Kb / 11P
6-14 GHz Fundamental Mixer
CMD253C3 MMIC-CMD253C3 Datasheet
243Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
CMD254C3 MMIC-CMD254C3 Datasheet
247Kb / 11P
11-21 GHz High IP3 Fundamental Mixer
CMD255C3 MMIC-CMD255C3 Datasheet
245Kb / 11P
16-26 GHz High IP3 Fundamental Mixer
logo
Qorvo, Inc
CMD177C3 QORVO-CMD177C3 Datasheet
237Kb / 11P
6-14 GHz Fundamental Mixer
CMD177 QORVO-CMD177 Datasheet
551Kb / 11P
6-14 GHz Fundamental Mixer
CMD255C3 QORVO-CMD255C3 Datasheet
245Kb / 11P
16-26 GHz High IP3 Fundamental Mixer
CMD254C3 QORVO-CMD254C3 Datasheet
247Kb / 11P
11-21 GHz High IP3 Fundamental Mixer
CMD253 QORVO-CMD253 Datasheet
327Kb / 11P
6-14 GHz High IP3 Fundamental Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com