Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD253C3 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD253C3
Description  6-14 GHz High IP3 Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD253C3 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD253C3 Datasheet HTML 1Page - Qorvo, Inc CMD253C3 Datasheet HTML 2Page - Qorvo, Inc CMD253C3 Datasheet HTML 3Page - Qorvo, Inc CMD253C3 Datasheet HTML 4Page - Qorvo, Inc CMD253C3 Datasheet HTML 5Page - Qorvo, Inc CMD253C3 Datasheet HTML 6Page - Qorvo, Inc CMD253C3 Datasheet HTML 7Page - Qorvo, Inc CMD253C3 Datasheet HTML 8Page - Qorvo, Inc CMD253C3 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD253C3
6-14 GHz High IP3 Fundamental Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications - IF = 100 MHz, LO = +19 dBm, TA = 25
oC
Parameter
Rating
RF / IF Input Power
+25 dBm
LO Drive
+25 dBm
Operating Temperature
-40 to 85 °C
Storage Temperature
-55 to 150 °C
Thermal Resistance, ΘJC
156 °C/W
Operation of this device outside the maximum
ratings may cause permanent damage.
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF & LO
8 - 12
6 - 14
GHz
Frequency Range, IF
DC
5
DC
5
GHz
Conversion Loss
6.5
8
7
11
dB
Noise Figure (SSB)
6.5
7
dB
LO to RF Isolation
35
43
32
43
dB
LO to IF Isolation
29
39
25
39
dB
RF to IF Isolation
15
23
12
23
dB
Input P1dB
15
15
dBm
Input IP3
23
23
dBm
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz
ver 1.0 1017



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com