Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD253C3 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # CMD253C3
Description  6-14 GHz High IP3 Fundamental Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD253C3 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button CMD253C3 Datasheet HTML 3Page - Qorvo, Inc CMD253C3 Datasheet HTML 4Page - Qorvo, Inc CMD253C3 Datasheet HTML 5Page - Qorvo, Inc CMD253C3 Datasheet HTML 6Page - Qorvo, Inc CMD253C3 Datasheet HTML 7Page - Qorvo, Inc CMD253C3 Datasheet HTML 8Page - Qorvo, Inc CMD253C3 Datasheet HTML 9Page - Qorvo, Inc CMD253C3 Datasheet HTML 10Page - Qorvo, Inc CMD253C3 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.0 1017
Pin
Function
Description
Schematic
2
LO
This pin is DC coupled and matched to 50
ohms.
5
IF
This pin is DC coupled. For applications
not requiring operation to DC, this port
should be DC blocked externally using a
series capacitor whose value has been cho-
sen to pass the necessary IF frequency
range. For operation to DC, this pin must
not source or sink more than 16 mA of cur-
rent or part non-function or part failure may
result.
8
RF
This pin is DC coupled and matched to 50
ohms.
10-12
N/C
No connection required. These pins may
be connected to RF/DC ground
1,3,4,6,7,9 and
die paddle
Ground
Connect to RF / DC ground.
Pin Diagram
Functional Description
Pin Description
GND
CMD253C3
6-14 GHz High IP3 Fundamental Mixer
LO
RF
IF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com