Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC550 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC550
Description  Up to 550 Watts with Forced Air Cooling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC550 Datasheet HTML 1Page - Bel Fuse Inc. ABC550 Datasheet HTML 2Page - Bel Fuse Inc. ABC550 Datasheet HTML 3Page - Bel Fuse Inc. ABC550 Datasheet HTML 4Page - Bel Fuse Inc. ABC550 Datasheet HTML 5Page - Bel Fuse Inc. ABC550 Datasheet HTML 6Page - Bel Fuse Inc. ABC550 Datasheet HTML 7Page - Bel Fuse Inc. ABC550 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ABC550 Series
tech.support@psbel.com
ABC550-1T12
12 V
9.17 A
16.67 A
41.67 A
500 W
ABC550-1T15
15 V
7.33 A
13.33 A
33.33 A
500 W
ABC550-1T24
24 V
6.25 A
10.42 A
22.92 A
550 W
ABC550-1T30
30 V
5.00 A
8.33 A
18.33 A
550 W
ABC550-1T48
48 V
3.13 A
5.21 A
11.46 A
550 W
ABC550-1T58
58 V
2.59 A
4.31 A
9.48 A
550 W
Specifications are for nominal input voltage, 25°C unless otherwise stated.
Input Voltage
Universal
(Derate from 100% at 115 VAC to 78% at 90 VAC)
90-264 VAC / 390 VDC
Input Frequency
47-63 Hz
Input Current
115 VAC:
230 VAC:
6 A max.
3 A max.
No Load Power
115 VAC:
230 VAC:
< 0.5 W
< 0.7 W
Inrush Current
115 VAC:
230 VAC:
264 VAC:
25 A
45 A
75 A
Leakage Current
115 VAC:
230 VAC:
< 200 µA
< 400 µA
Power Factor
@ Full Load
> 0.95
Switching Frequency
PFC
Resonant
70 to 130 kHz
68 to 80 kHz
Output Power 2
Forced air cooled:
Conduction cooled:
Convection cooled:
up to 550 W
up to 250 W
up to 150 W
Efficiency
(typical @ 230 VAC full load)
48 V:
24 V:
12 V, 15 V:
92%
91%
90%
Hold-up Time (typical)
Full Load
Convection Load
Conduction Load
> 16 ms
> 55 ms
> 30 ms
Line Regulation 4
+/-0.5%
Load Regulation 4
+/-1%
Minimum Load
0.0 A
Transient Response
50-100% step load change, at 0.1A/µs slew rate,
50% duty cycle, 50 Hz = 5%
recovery time < 5 ms
Ripple 3, 4
12 V & 15 V
24 V, 30 V, 48 V & 58 V
2.0 % max
1.0 % max
Output Voltage Adjustment
+/-3%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com