Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC550 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # ABC550
Description  Up to 550 Watts with Forced Air Cooling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  ABC550 Datasheet HTML 1Page - Bel Fuse Inc. ABC550 Datasheet HTML 2Page - Bel Fuse Inc. ABC550 Datasheet HTML 3Page - Bel Fuse Inc. ABC550 Datasheet HTML 4Page - Bel Fuse Inc. ABC550 Datasheet HTML 5Page - Bel Fuse Inc. ABC550 Datasheet HTML 6Page - Bel Fuse Inc. ABC550 Datasheet HTML 7Page - Bel Fuse Inc. ABC550 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ABC550 Series
3
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2020 Bel Power Solutions & Protection
BCD.00831_AC
Rise Time
Typical
55 ms
Set Point Tolerance 4
+/-1%
Over Current Protection
Hiccup mode / Auto recovery
> 110%
Over Voltage Protection
Hiccup mode / Auto recovery
110 to 140%
Short Circuit Protection
Hiccup mode / Auto recovery
Cooling
Convection Cooled (refer to Derating Curve)
Conduction Cooled (refer to Derating Curve)
400 LFM Forced Air Cooled (refer to Derating Curve)
Up to 150 W max
Up to 250 W max
Up to 550 W max
Operating Temperature 5
-40 to 0°C startup guaranteed, with spec deviation 6
-40 to +70°C
Storage Temperature
-40 to +85°C
Relative Humidity
Non-condensing
5% to 95%
Altitude
Operating:
Non-operating:
16,000 ft.
40,000 ft.
Conducted Emissions
EN 55032-B, CISPR22-B, FCC PART15-B
Pass
Radiated Emissions
EN 55032 A;
with external core (King core K5B RC 25x12x15-M in input cable)
Pass
Level B
Input Current Harmonics
EN 61000-3-2
Class D
Voltage Fluctuation and Flicker
EN 61000-3-3
Pass
ESD Immunity
EN 61000-4-2
Level 3, Criterion A
Radiated Field Immunity
EN 61000-4-3
Level 3, Criterion A
Electrical Fast Transient Immunity
EN 61000-4-4
Level 3, Criterion A
Surge Immunity
EN 61000-4-5
Level 3, Criterion A
Conducted Immunity
EN 61000-4-6
Level 3, Criterion A
Magnetic Field Immunity
EN 61000-4-8
Level 3, Criterion A
Voltage Dips, Interruptions
EN 61000-4-11
Criterion A & B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com