Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC550 Datasheet(PDF) 4 Page - Bel Fuse Inc.

Part # ABC550
Description  Up to 550 Watts with Forced Air Cooling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC550 Datasheet(HTML) 4 Page - Bel Fuse Inc.

  ABC550 Datasheet HTML 1Page - Bel Fuse Inc. ABC550 Datasheet HTML 2Page - Bel Fuse Inc. ABC550 Datasheet HTML 3Page - Bel Fuse Inc. ABC550 Datasheet HTML 4Page - Bel Fuse Inc. ABC550 Datasheet HTML 5Page - Bel Fuse Inc. ABC550 Datasheet HTML 6Page - Bel Fuse Inc. ABC550 Datasheet HTML 7Page - Bel Fuse Inc. ABC550 Datasheet HTML 8Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ABC550 Series
tech.support@psbel.com
Isolation Voltage
Input to Output: (for ITE applications)
Input to GND:
3000 VAC
1500 VAC
Safety Standard(s)
UL 62368-1 & CAN/CSA C22.2 No. 62368-1:19, UL 60950-1 and CAN/CSA C22.2 No. 60950-1-07
IEC 62368-1:2018, IEC 60950-1(ed.2);am1;am2
EN 62368-1:2014;A11, EN 60950-1:2006;A11;A1;A12;A2
Agency Approvals
Nemko, UL, C-UL
CE mark
Complies with LVD Directive
AC Input Connector
J1
Pin 1
Pin 2
Pin 3
AC Line
Not Fitted
AC Neutral
JST : B3P-VH-B(LF)(SN) or equivalent
Mating: VHR-3M or equivalent Pins : SVH-41T-P1.1 or equivalent
DC Output
Connector
(Screw Terminal)
J2
Pin 1
Pin 2
V1 +VE
V1 -VE
6-32 inches Screw Pan HD
Mating: Designed to accept Ring Tongue Terminal AMP: 8-31886-1,
wherein one 16 AWG (max) wire can be crimped.
Note: One Ring Tongue Terminal with 16 AWG is recommended for
current up to 11 A only.
Use multiple tongue terminals with wire for more current.
Aux (Fan) Output
J3
Pin 1
Pin 2
FAN +VE
FAN -VE
AMP: 640456-2
Mating: 640440-2
Earth
J4
Molex: 19705-4301
Mating: 19003-0001
Weight
approx. 500 g
Dimensions
127 x 76.2 x 38.1 mm (5 x 3 x 1.5 inches)
Figure 1. Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com