Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD310 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # CMD310
Description  20-32 GHz Sub-harmonic x2 Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD310 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button CMD310 Datasheet HTML 3Page - Qorvo, Inc CMD310 Datasheet HTML 4Page - Qorvo, Inc CMD310 Datasheet HTML 5Page - Qorvo, Inc CMD310 Datasheet HTML 6Page - Qorvo, Inc CMD310 Datasheet HTML 7Page - Qorvo, Inc CMD310 Datasheet HTML 8Page - Qorvo, Inc CMD310 Datasheet HTML 9Page - Qorvo, Inc CMD310 Datasheet HTML 10Page - Qorvo, Inc CMD310 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
ver 1.0 0719
CMD310
20-32 GHz Sub-harmonic ×2 Mixer
Assembly Guidelines
Assembly Diagram
Applications Information
The backside of the CMD310 is RF ground. Die attach should be accomplished with electrically and
thermally conductive epoxy only. Eutectic attach is not recommended. Standard assembly procedures
should be followed for high frequency devices. The top surface of the semiconductor should be made
planar to the adjacent RF transmission lines.
RF connections should be made as short as possible to reduce the inductive effect of the bond wire. Use
of a 0.8 mil thermosonic wedge bonding is highly recommended as the loop height will be minimized.
The semiconductor is 100 um thick and should be handled by the sides of the die or with a custom collet.
Do not make contact directly with the die surface as this will damage the monolithic circuitry. Handle
with care.
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions
should be observed during handling, assembly and test.
Please note, all information contained in this data sheet is subject to change without notice.
IF
RF
LO
to Vdd
100,000 pF CHIP CAP
100 pF CHIP CAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com