Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD310 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD310
Description  20-32 GHz Sub-harmonic x2 Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD310 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD310 Datasheet HTML 1Page - Qorvo, Inc CMD310 Datasheet HTML 2Page - Qorvo, Inc CMD310 Datasheet HTML 3Page - Qorvo, Inc CMD310 Datasheet HTML 4Page - Qorvo, Inc CMD310 Datasheet HTML 5Page - Qorvo, Inc CMD310 Datasheet HTML 6Page - Qorvo, Inc CMD310 Datasheet HTML 7Page - Qorvo, Inc CMD310 Datasheet HTML 8Page - Qorvo, Inc CMD310 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
CMD310
20-32 GHz Sub-harmonic ×2 Mixer
Specifications
Absolute Maximum Ratings
Electrical Specifications – Vdd = 4 V, IF = 100 MHz, LO = -4 dBm, TA = 25
oC
Parameter
Rating
RF / IF Input Power
+13 dBm
LO Drive
+13 dBm
Power Dissipation, Pdiss
0.33 W
Thermal Resistance, Θ JC
199.4 ºC/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
Drain Voltage, Vdd
5.5 V
Channel Temperature, Tch
150 ºC
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range, RF
20 - 26
GHz
Frequency Range, LO
10 - 13
13 - 16
GHz
Frequency Range, IF
DC - 7
DC - 7
GHz
Conversion Loss
9.5
12.5
10
13
dB
Noise Figure (SSB)
9.5
12.5
10
13
dB
2LO to RF Isolation
25
34
30
40
dB
2LO to IF Isolation
41
52
47
55
dB
Input IP3
8
10
dBm
Input P1dB
3
5
dBm
26 - 32
Supply Current
19
27
35
19
27
35
mA
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz USB
ver 1.0 0719
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.
Recommended Operating Conditions
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating
conditions.
Parameter
Min
Typ
Max
Units
Vdd
2
4
5
V
Idd
27
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com