Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD310 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD310
Description  20-32 GHz Sub-harmonic x2 Mixer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD310 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD310 Datasheet HTML 1Page - Qorvo, Inc CMD310 Datasheet HTML 2Page - Qorvo, Inc CMD310 Datasheet HTML 3Page - Qorvo, Inc CMD310 Datasheet HTML 4Page - Qorvo, Inc CMD310 Datasheet HTML 5Page - Qorvo, Inc CMD310 Datasheet HTML 6Page - Qorvo, Inc CMD310 Datasheet HTML 7Page - Qorvo, Inc CMD310 Datasheet HTML 8Page - Qorvo, Inc CMD310 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Custom MMIC
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD310 is a sub-harmonically pumped
mixer die with an integrated LO amplifier
which can be used as an upconverter or
downconverter. The device has low conversion
loss
and
excellent
2LO to RF isolation
eliminating the need for additional filtering.
The CMD310 requires only -4 dBm LO drive
and operates on a single positive supply
voltage. The sub-harmonic design and low LO
drive level allows for less stringent oscillator
requirements.
► Integrated LO amplifier
► High isolations
► Sub-harmonic ×2 LO
► Single positive supply voltage
► HMC264 replacement
Electrical Performance – Vdd=4 V, IF = 100 MHz, LO = -4 dBm, RF = 26 GHz, TA = 25
oC
Features
Description
Functional Block Diagram
Parameter
Min
Typ
Max
Units
Frequency Range, RF
GHz
Frequency Range, IF
DC
7
GHz
Conversion Loss
9.5
dB
Noise Figure (SSB)
9.5
dB
2LO to RF Isolation
36
dB
2LO to IF Isolation
53
dB
Input IP3
10
dBm
20 – 32
Frequency Range, LO
10 – 16
GHz
Input P1dB
4.5
dBm
Supply Current
19
27
35
mA
Unless otherwise noted, all measurements performed as a downconverter, IF = 100 MHz USB
ver 1.0 0719
CMD310
20-32 GHz Sub-harmonic ×2 Mixer
2
3
1
4
LO
RF
IF
Vdd


Similar Part No. - CMD310

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
CMD310C3 QORVO-CMD310C3 Datasheet
398Kb / 11P
20-32 GHz Sub-harmonic x2 Mixer
More results

Similar Description - CMD310

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC258LM3 HITTITE-HMC258LM3_08 Datasheet
223Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 14 - 20 GHz
HMC264LM3 HITTITE-HMC264LM3_08 Datasheet
274Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
United Monolithic Semic...
CHM1290-99F UMS-CHM1290-99F_15 Datasheet
242Kb / 6P
20-30GHz Sub-Harmonic Mixer
logo
Analog Devices
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Qorvo, Inc
CMD310C3 QORVO-CMD310C3 Datasheet
398Kb / 11P
20-32 GHz Sub-harmonic x2 Mixer
CMD303C3 QORVO-CMD303C3 Datasheet
157Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
CMD303 QORVO-CMD303 Datasheet
211Kb / 11P
13-21 GHz Sub-harmonic x2 Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com