Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD1002 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  BPD1002 Datasheet HTML 1Page - Bel Fuse Inc. BPD1002 Datasheet HTML 2Page - Bel Fuse Inc. BPD1002 Datasheet HTML 3Page - Bel Fuse Inc. BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 2 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Functional Description
The back plane is divided into 3 sections, each one fitted with
an H15 female connector for one T unit, with the mains input
section and the DC output section separated from each other.
The layout of the standard back planes gives the user the
flexibility to operate the system either in single phase or
in 3-phase (Y) configuration. Connection to the mains is
achieved via the 6-pole connector (X1). With the wire jumpers
B10/20/30 in Y-position (standard configuration) each T unit is
connected between its defined input line and the neutral.
(Changing of the configuration by the customer is not
recommended.) An input filter, provided in the supply line to
each T unit minimizes the conducted noise at the input of the
system. The positive output of each T unit is separately fed to
the common power bus and is decoupled depending upon
the back plane type, either by a fuse (F11/21/31) or by a
decoupling diode (D11/21/31). The fuses (cartridge type) are
externally accessible from the frontside. The BPF versions are
fitted with a common preload (R25). Additional output
capacitors (up to 3 per output,10 mF each) further reduce the
low frequency output ripple and provide enhanced hold-up
time.
All relevant monitoring signals as well as control signal inputs
and outputs are accessible at the signal terminal strip (X5).
The jumper strip (X3) allows system specific signals accord-
ing
to
different
jumper
settings. An
auxilliary
circuit
(protected by a fuse F1, rated T1A, 250 V, 5
× 20 mm) allows a
relay to be directly driven for system specific control functions.
Each T unit provides an individually adjustable power down
signal enabling bus status monitoring at different voltage
levels. The threshold values can be set at the soldering tabs
Dset (R13/14, R23/24 and R33/34).
Note: If a power system is operated with 3 T units per back-
plane, connection to the mains in a 3-phase configuration (Y or
D) will provide equal load distribution on the input lines. Fur-
thermore the low frequency ripple at the output of the T units is
compensated to zero as long as all 3 T units are in operation.
Model Selection
Table 1: Type survey
AC Input
Input filters 1
Output capacitors
Preload
Application
85...255 VAC
(reduced 100 Hz
1 or 3 phase (Y)
output ripple) 2
BPD1002
x
–
–
Front-end, fitted with diodes
BPD1003
x
90 mF
–
BPF1004x
–
x
Battery charger, fitted with fuses
BPF1007x
50 mF
x
BPF1006x
90 mF
x
19” Rack, 3 U
Rack for systems with up to 3 T units
1
See also: Electromagnetic Compatibility.
2
Please refer to: Dimensioning Example of a Battery Charger System in Single Phase Connection
3
Only for LT units and 120/208 VAC. See fig.: Mains input arrangement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com