Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD1002 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. BPD1002 Datasheet HTML 10Page - Bel Fuse Inc. BPD1002 Datasheet HTML 11Page - Bel Fuse Inc. BPD1002 Datasheet HTML 12Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 8 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Battery Selection
When selecting a battery, the following aspects should be
considered:
1. Batteries are normally specified at 20°C.
Steady operation at higher temperatures will shorten the life
time of a battery. For every 10 °C temperature increase the
battery lifetime is halved.
2. Worst case considerations with regard to the necessary
battery capacity should include operation at the lowest
possible temperature and highest possible discharge
current, since under such conditions a substantial capacity
drop has to be expected.
3. The capacity of a battery deteriorates with time. Therefore
decisions on battery capacity should be based upon 20%
ageing loss.
4. Consult the battery manufacturer for correct layout of the
battery system.
Selecting the Right Battery and Back Plane
Configuration
As mentioned in the T series data sheet the power factor
correction at the input of the T unit generates a ripple voltage at
the output of twice the input frequency, causing a ripple current
into the connected battery.
For most battery types the low frequency ripple current should
not exceed 5 A per 100 Ah (0.05 C). Some manufacturers (with
newer battery technology) specify 10 A per 100 Ah (0.1 C).
Excessive ripple current can increase the battery temperature
and reduces the battery lifetime. For a single phase system
additional output capacitors may be necessary depending
upon the selected battery type.
Note:
With
the
T units
symmetrically
connected
to
a
3-phase (Y) mains supply the low frequency output ripple is
virtually zero, only a high frequency ripple and noise of
<100 mVAC at the switching frequency of 65.5 kHz remains.
System Integration
Mains Input Voltage Monitoring
The T unit interprets a mains failure as a system error, indi-
cated by the red Error LED together with a System Good failure
signal. Should a dedicated mains failure identification be
required this signal would have to be established externally.
Available signals/signal combinations (Please also refer to
the T Series data sheet on our website):
The T unit provides two open collector signals, System Good
and Power Down.
The System Good signal monitors the operational function of
a single T unit. In case of reduced available output power due
to a mains failure, a T unit failure or inhibit, the signal changes
from low to high impedance.
In systems with battery back-up or with n+1 redundancy the
failure of one single unit does not cause a failure of the system
as the required output power is still available either from the
battery or from the remaining T units. To indicate the status of
the whole system, the System Good signals of all 3 units
should be connected in series on the back plane.
The System Good output can be combined with similar out-
puts of other DC-DC converters such as CQ units, integrating
the additional information into the overall system status
signal.
If only the system status of the T unit is to be monitored, Sys In
should be wired to Vo–.
The Power Down signal monitors the output voltage level of
the bus bar system. The threshold levels of the 3 possible
signals can be individually adjusted by means of resistors
R 13/14...R 33/34 (see: T series data sheet) and be used for:
• Save data
• Disconnecting the load or part of it
• Performing a battery test
In systems with battery back-up it may be desirable to extend
system operation in case of long term mains failures by
disconnecting an uncritical part of the load at a certain bus
voltage level, triggered by one of the 3 possible power down
signals. The 2 remaining signals can be set to the low battery
discharge level to get a redundant signal (wired AND) for
finally disconnecting the critical part of the load.
Note: The Power Down signal has an enlarged hysteresis of
approximately 6 V for T 1740 units and 3.5 V for T 1240 units.
The Power Down signal(s) can be combined with the System
Good signal to give a wired AND (see T series data sheet). In
such cases the resulting alarm only becomes active as a
result of a mains failure or a converter failure together with a
heavily discharged battery.
Dimensioning Example of a Battery Charger System
in Single Phase Connection
Battery charger system in single phase connection:
230 V, 50 Hz, load: 1 kW, battery back-up: 3 h
Battery charger:
3 LT 1740 , n+1 redundant configuration, 1.6 kW
Conditions:
TA = –10 to 40°C for both, charger and battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com