Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPD1002 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. BPD1002 Datasheet HTML 10Page - Bel Fuse Inc. BPD1002 Datasheet HTML 11Page - Bel Fuse Inc. BPD1002 Datasheet HTML 12Page - Bel Fuse Inc. BPD1002 Datasheet HTML 13Page - Bel Fuse Inc. BPD1002 Datasheet HTML 14Page - Bel Fuse Inc. BPD1002 Datasheet HTML 15Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 11 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Table 5: Pin allocation of the signal terminal strip X5
Pin no.
Electrical determination
Pin designation
1
Supply negative (return potential)
Vo–
2
Sys good input of T unit no. 3
Sys In 3
3
Sys good input of T unit no. 2
Sys In 2
4
Sys good input of T unit no. 1
Sys In 1
5
Sys good output of T unit no. 3
Sys Out 3
6
Sys good output of T unit no. 2
Sys Out 2
7
Sys good output of T unit no. 1
Sys Out 1
8
Inhibit or Ucr of T unit no. 3
i3/Ucr
9
Inhibit or Ucr of T unit no. 2
i2/Ucr
10
Inhibit or Ucr of T unit no. 1
i3/Ucr
11
Power down of T unit no. 3
D3
12
Power down of T unit no. 2
D2
13
Power down of T unit no. 1
D1
14
Supply positive
Vo+
The signal terminal strip X5 is provided with a matching fe-
male connector at delivery.
The jumper strip X3 is provided with 12 jumpers at delivery.
The pin allocation of the jumper strip is described in fig. 7,
(Jumper strip X3), signal meshing.
Safety and Installation Instructions
Transportation
For transportation use standard packaging material of the
Company.
Racks fitted with back planes are not designed for transporta-
tion with the T Series AC-DC converters fitted into the racks.
Connector Pin Allocation
The power output is provided via the two bus bars, the positive
one designated Vo+, the negative one Vo–. The following pin
allocation tables define the electrical potentials and the
physical pin positions on the connectors of the back planes.
Table 4: Pin allocation of the mains input connector X1
Pin no.
Electrical
determination
Pin designation
1
Input phase 1
L1
2
Input phase 2
L2
3
Input phase 3
L3
4
Input neutral
N
5
Protective earth
6
Protective earth
Input connector X1 is provided with a matching male connec-
tor at delivery. Standard configuration: Pins 1, 2 and 3 are
interconnected (for single phase operation).
Installation Instruction
The BPD/BPF Series back planes are components, intended
exclusively for inclusion within other equipment by an
industrial assembly operation or by professional installers.
Installation must strictly follow the national safety regulations
in compliance with the enclosure, mounting, creepage,
clearance, casualty, markings and segregation requirements
of the end-use application.
Caution: It is the responsibility of the the installer to define and
apply a safety concept for the whole system which is
provided with this back plane. The following are under the
aspects which have to be considered:
• Consult the T Series data sheet on our website before con-
necting the system to the mains.
• The necessity to provide a cover over the live parts at the
mains input (hazardous voltage) or over the DC-bus bars
(energy hazard), preventing accidental contact during in-
stallation, start-up of a system or maintenance, depends on
the final installation as well as on the applicable safety re-
quirements.
• Service should be carried out by qualified personnel only.
• Fuses should be replaced with the same types only.
• The earth terminal on the back plane must be connected to
safety ground.
• Back planes in 3-phase (
∆) configuration are available on
request. Modifications to the back plane in the field from Y to
∆-configuration (and vice versa) are not recommended.
• The maximum nominal input voltage is 230 VAC +10%.
Higher input voltages may damage the T Series converters
as well as the back plane.
• Empty spaces in a rack should be covered by a dummy front
panel.
Caution: Prior to handling, the back plane must be discon-
nected from mains and from other sources (e.g. batteries).
Check for hazardous voltages and hazardous energy before
and after altering any connections. Hazardous energy levels
may be present at the output terminals even after the mains
input voltage has been disconnected from the unit. This is
indicated by the red error LEDs of the T series AC-DC
converters. It is the responsibility of the installer to prevent an
unwanted short-circuit across the output of the back plane, of
the battery and of each T series AC-DC converter. In case of a
short circuit across the output of a T unit, all LEDs will be off,
although the mains may be present.
The back planes are intended for stationary applications. They
shall be installed in 19’’ racks according to DIN 41494.
Install the back planes vertically, the mains input connector X1
being on the right-hand side of the back plane (view from the
back), and make sure that there is sufficient air flow available
for convection cooling of the T Series converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com