Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575-3.3VAT Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC2575-3.3VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-3.3VAT Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC2575-3.3VAT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575-3.3VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
1.0A Step-Down Switching Regulator
The TC2575 series of regulators are monolithic inte-
grated circuits ideally suited for easy and convenient design
of a step–down switching regulator (buck converter). All
circuits of this series are capable of driving a 1.0A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5.0V, 12V, and
an adjustable output version.
These regulators were designed to minimize the num-
ber of external components to simplify the power supply
design. Standard series of inductors optimized for use with
the TC2575 are offered by several different inductor manu-
facturers.
Since the TC2575 converter is a switch-mode power
supply, its efficiency is significantly higher in comparison
with popular three-terminal linear regulators, especially with
higher input voltages. In many cases, the power dissipated
is so low, that no heatsinking is required or its size can be
reduced dramatically.
The TC2575 features include a guaranteed
±4% toler-
ance on output voltage within specified input voltages and
output load conditions, and
±10% on the oscillator frequency
(
±2% over 0°C to +125°C). External shutdown is included,
featuring 80
µA (typical) standby current. The output switch
includes cycle-by-cycle current limiting, as well as thermal
shutdown for full protection under fault conditions.
FEATURES
s
3.3V, 5.0V, 12V, and Adjustable Output Versions
s
Adjustable Version Output Voltage Range of
1.23V to 37V
±4% Max. Over Line and Load Conditions
s
Guaranteed 1.0 A Output Current
s
Wide Input Voltage Range; 4.75V to 40V
s
Requires Only 4 External Components
s
52kHz Fixed Frequency Internal Oscillator
s
TTL Shutdown Capability, Low Power Standby Mode
s
High Efficiency
s
Uses Readily Available Standard Inductors
s
Thermal Shutdown and Current Limit Protection
APPLICATIONS
s
Simple and High-Efficiency Step-Down
(Buck) Regulator
s
Efficient Pre–Regulator for Linear Regulators
s
On–Card Switching Regulators
s
Positive to Negative Converters (Buck–Boost)
s
Negative Step-Up Converters
s
Power Supply for Battery Chargers
GENERAL DESCRIPTION
ORDERING INFORMATION
Part
Temperature
Number
Package
Range
TC2575-3.3VAT
5-Pin TO-220
–40 to +125
°C
TC2575-5.0VAT
5-Pin TO-220
–40 to +125
°C
TC2575-12.0VAT* 5-Pin TO-220
–40 to +125
°C
TC2575VAT**
5-Pin TO-220
–40 to +125
°C
TC2575
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.
PIN CONFIGURATIONS
5-Pin TO-220
Note: * Contact factory for availability
** ADJ = 1.23 To 37V.
1 2 34 5
TC2575


Similar Part No. - TC2575-3.3VAT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2574 TELCOM-TC2574 Datasheet
219Kb / 25P
0.5A Step-Down Switching Regulator
TC2574-12.0VPA TELCOM-TC2574-12.0VPA Datasheet
219Kb / 25P
0.5A Step-Down Switching Regulator
TC2574-3.3VPA TELCOM-TC2574-3.3VPA Datasheet
219Kb / 25P
0.5A Step-Down Switching Regulator
More results

Similar Description - TC2575-3.3VAT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
Step-Down Switching Regulator
logo
National Semiconductor ...
LM25010 NSC-LM25010 Datasheet
772Kb / 17P
42V, 1.0A Step-Down Switching Regulator
LM25010 NSC-LM25010_08 Datasheet
402Kb / 18P
42V, 1.0A Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
Step-down Switching Regulator
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
Step-down Switching Regulator
logo
Texas Instruments
LM25010 TI1-LM25010_14 Datasheet
1Mb / 27P
42V, 1.0A Step-Down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
Step-Down Switching Regulator
logo
Texas Instruments
LM25010 TI-LM25010_15 Datasheet
1Mb / 28P
LM25010/LM25010Q 42V, 1.0A Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
Step-down Switching Regulator
October, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com