Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575-5.0VAT Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC2575-5.0VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-5.0VAT Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC2575-5.0VAT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
2
TC2575-1 3/13/00
ABSOLUTE MAXIMUM RATINGS*
Maximum Supply Voltage ................................ VIN = 45V
ON/OFF Pin Input Voltage ..................... –0.3V
≤ V ≤ +VIN
Output Voltage to Ground (Steady State) ............... –1.0 V
Max Power Dissipation(TO-220) ......... (Internally Limited)
Thermal Resistance, Junction-to-Ambient ..... 65
°C/W
Thermal Resistance, Junction-to-Case ........ 5.0
°C/W
Storage Temperature Range ................. –65
°C to +150°C
Minimum ESD Rating ............................................. 3.0 kV
(Human Body Model: C = 100pF, R = 1.5k
Ω)
Lead Temperature (Soldering, 10 seconds) .......... 260
°C
Maximum Junction Temperature ............................. 150
°C
Operating Junction Temperature Range .... –40 to +125*C
Supply Voltage ............................................................ 40V
*This is a stress rating only, and functional operation of the device at these
or any other conditions beyond those indicated in the operation section of
the specifications is not implied. Exposure to absolute maximum ratings
conditions for extended periods of time may affect device reliability.
ELECTRICAL CHARACTERISTICS: (Unless otherwise specified, VIN = 12V for the 3.3V, 5.0V, and Adjustable
version,VIN = 25V for the 12V version. ILOAD = 200mA. For typical values TJ = 25°C, for min/max values TJ is the operating
junction temperature range that applies (Note 2), unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
TC2575-3.3 [(Note 1) Test Circuit Figure 2]
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.2A, TJ = 25°C
3.234
3.3
3.366
V
4.75V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 1.0A
TJ = 25°C
3.168
3.3
3.432
TJ = –40°C to +125°
3.135
—
3.465
η
Efficiency
VIN = 12V, ILOAD = 1.0A
—
75
—
%
TC2575-5 [(Note 1)Test Circuit Figure 2]
VOUT
Output Voltage
VIN = 12V, ILOAD = 0.2A, TJ = 25°C
4.9
5.0
5.1
V
8.0V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 1.0A
TJ = 25°C
4.8
5.0
5.2
TJ = –40°C to +125°C
4.75
—
5.25
η
Efficiency
VIN = 12V, ILOAD = 1.0 A
—
77
—
%
TC2575-12 [(Note 1) Test Circuit Figure 2]
VOUT
Output Voltage
VIN = 25V, ILOAD = 0.2A, TJ = 25°C
11.76
12
12.24
V
15V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 1.0A
TJ = 25°C
11.52
12
12.48
TJ = –40°C to +125°C
11.4
—
12.6
η
Efficiency
VIN = 15V, ILOAD = 1.0 A
—
88
—
%
TC2575-Adjustable Version [(Note 1) Test Circuit Figure 2]
VFB
Feedback Voltage
VIN = 12V, ILOAD = 0.2A, VOUT = 5.0V,
1.217
1.23
1.243
V
TJ = 25°C
VFB
Feedback Voltage
8.0V
≤ VIN ≤ 40V, 0.2A ≤ ILOAD ≤ 1.0A
VOUT = 5.0V
TJ = 25°C
1.193
1.23
1.267
TJ = –40°C to +125°C
1.18
—
1.28
η
Efficiency
VIN = 12V, ILOAD = 1.0A, VOUT = 5.0V
—
77
—
%
NOTES: 1. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system
performance. When the TC2575 is used as shown in the Figure 2 test circuit, the system performance will be as
shown in the system parameters section of the Electrical Characteristics.
2. Tested junction temperature range for the TC2575: TLOW = –40°C THIGH = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com