Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575-5.0VAT Datasheet(PDF) 22 Page - TelCom Semiconductor, Inc

Part # TC2575-5.0VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-5.0VAT Datasheet(HTML) 22 Page - TelCom Semiconductor, Inc

Back Button TC2575-5.0VAT Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 22Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 23Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 24Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 25Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
TC2575
1.0A Step-Down Switching Regulator
22
TC2575-1 3/13/00
TYPICAL CHARACTERISTICS (Circuit of Figure 2)
0
20
–50
3.0
0
–50
2.0
0
1.2
–50
VIN INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
VIN INPUT VOLTAGE (V)
TJ, JUNCTION TEMPERATURE (°C)
SWITCH CURRENT (A)
Figure 20. Normalized Output Voltage
TJ, JUNCTION TEMPERATURE (°C)
Figure 21. Line Regulation
VIN= 20 V
ILOAD = 200mA
Normalized at
TJ = 25°C
Figure 22 Switch Saturation Voltage
Figure 23. Current Limit
Figure 24. Dropout Voltage
Figure 25. Quiescent Current
ILOAD = 200mA
TJ = 25°C
3.3 V, 5.0 V and Adj
12V
25
°C
VIN = 25V
Measured at
Ground Pin
TJ = 25°C
ILOAD = 200mA
ILOAD = 1.0A
∆VOUT = 5%
RIND = 0.2
Ω
125
°C
–40
°C
5.0
–25
10
0
20
15
25
25
75
50
35
30
40
100
125
0.8
0.4
0.4
0
0
–0.2
–0.4
0.6
0.2
1.0
0.6
0.2
–0.2
–0.6
2.5
1.5
0.5
0
2.0
1.0
14
10
6.0
4.0
18
12
8.0
16
1.1
0.9
0.7
0.5
1.0
0.8
0.6
1.2
0.8
0.4
1.0
0.6
1.8
1.4
1.6
0.4
–25
0.1
0
0.2
25
0.3
50
0.4
75
0.5
100
0.6
125
0.7
5.0
–5
10
0
15
25
20
50
25
75
30
100
35
125
0.8
0.9
1.0
40
ILOAD = 200mA
ILOAD = 1.0A
VOUT = 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com