Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575-5.0VAT Datasheet(PDF) 21 Page - TelCom Semiconductor, Inc

Part # TC2575-5.0VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575-5.0VAT Datasheet(HTML) 21 Page - TelCom Semiconductor, Inc

Back Button TC2575-5.0VAT Datasheet HTML 17Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 18Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 19Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 20Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 21Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 22Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 23Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 24Page - TelCom Semiconductor, Inc TC2575-5.0VAT Datasheet HTML 25Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
Figure 18. PC Board Component Side
Figure 19. PC Board Copper Side
+Vout1
+Vin
Gndin
C1
L1
C2
D1
J1
U1 TC2575
L2
C3
+Vout2
R2 R1
Gndout
NOTE:Not to scale.
NOTE: Not to scale
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com