Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575VAT Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC2575VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575VAT Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC2575VAT Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
CIN
100
µF
COUT
330
µF
+VIN
1
3 GND
5
2
4L1
330
µH
Output
D1
1N5819
Feedback
ON/OFF
7.0 – 40V
Unregulated
DC Input
5.0V Regulated
Output 1.0A Load
TC2575
+
Figure 1. Block Diagram and Typical Application: Fixed Output Voltages
Figure 2. Typical Test Circuit
CIN
100
µF/50V
COUT
330
µF/16V
VOUT
Regulated
Output
VOUT
Regulated
Output
VIN
1
3
GND
5
2
4
D1
IN5819
D1
IN5819
L1
330
µH
Output
Feedback
5.0 Output Voltage Versions
VOUT = VREF
(1 +
R2)
R1
ON/OFF
VIN
Unregulated
DC Input
8.0 – 40V
TC2575
(5V)
+
+
Load
CIN
100
µF/50V
R2
R1
VIN
1
3
GND
5
2
4
L1
330
µH
Output
Feedback
Where VREF = 1.23V, R1
between 1.0k
Ω and 5.0kΩ
Adjustable Output Voltage Versions
ON/OFF
Unregulated
DC Input
8.0 – 40V
TC2575
+
CIN
330
µF/
16V
+
Load
Adjustable
R1= R2
(VOUT - 1)
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com