Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575VAT Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC2575VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575VAT Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC2575VAT Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
Procedure (Fixed Output Voltage Version)
In order to simplify the switching regulator design, a step-by-step design procedure and some examples are provided.
Procedure
Example
Given Parameters:
Given Parameters:
VOUT = Regulated Output Voltage (3.3V, 5.0V or 12V)
VOUT = 5.0V
VIN(max) = Maximum DC Input Voltage
VIN (max) = 20V
ILOAD(max) = Maximum Load Current
ILOAD (max) = 0.8A
1. Controller IC Selection
1. Controller IC Selection
According to the required input voltage, output voltage and
According to the required input voltage, output voltage,
current select the appropriate type of the controller IC output
current polarity and current value, use the TC2575 (5V)
voltage version.
controller IC.
2. Input Capacitor Selection (CIN )
2. Input Capacitor Selection (CIN )
To prevent large voltage transients from appearing at the input
A 47
µF, 25V aluminium electrolytic capacitor
and for stable operation of the converter, an aluminum or tantalum
located near to the input and ground pins provides
electrolytic bypass capacitor is needed between the input pin +VIN
sufficient bypassing.
and ground pin GND. This capacitor should be located close to the
IC using short leads. This capacitor should have a low ESR
(Equivalent Series Resistance) value.
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
A. For this example the current rating of the diode is 1.0A
regulator maximum load current, the catch diode current
rating must be at least 1.2 times greater than the maximum
load current. For a robust design the diode should have a
current rating equal to the maximum current limit of the
TC2575 to be able to withstand a continuous output short.
B. The reverse voltage rating of the diode should be at least
B. Use a 30V 1N5818 Schottky diode, or any of the
1.25 times the maximum input voltage.
suggested fast recovery diodes shown in Table 4.
4. Inductor Selection (L1)
4. Inductor Selection (L1)
A. According to the required working conditions, select the
A. Use the inductor selection guide shown in Figure 32
correct inductor value using the selection guide from
to 36.
Figures 32 to 36.
B. From the appropriate inductor selection guide, identify the
B. From the selection guide, the inductance area
inductance region intersected by the Maximum Input Voltage
intersected by the 20V line and 0.8A line is L300.
line and the Maximum Load Current line. Each region is
identified by an inductance value and an inductor code.
C. Select an appropriate inductor from the several different
C. Inductor value required is 300
µH. From Table 1, or
manufacturers part numbers listed in Table 1 or Table 2
Table 2, choose an inductor from any of the listed
When using Table 2 for selecting the right inductor, the
manufacturers.
designer must realize that the inductor current rating must
be higher than the maximum peak current flowing through the
inductor. This maximum peak current can be calculated as
follows:
IP(max) = ILOAD (max)+
(VIN – VOUT ) tON
2L
where tON is the "on" time of the power switch and
tON =
VOUT
x
1.0
VIN
fOSC
For additional information about the inductor, see the inductor
section in the “EXTERNAL COMPONENTS” section of this
data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com