Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2575VAT Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC2575VAT
Description  1.0A Step-Down Switching Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2575VAT Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

Back Button TC2575VAT Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 9Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 10Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 11Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 12Page - TelCom Semiconductor, Inc TC2575VAT Datasheet HTML 13Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
TC2575
TC2575-1 3/13/00
1.0A Step-Down Switching Regulator
Procedure (Adjustable Output Version: TC2575-ADJ) (Continued)
Procedure
Example
3. Catch Diode Selection (D1)
A. Since the diode maximum peak current exceeds the
regulator maximum load current the catch diode current
rating must be at least 1.2 times greater than the
maximum load current. For a robust design, the diode
should have a current rating equal to the maximum
current limit of the TC2575 to be able to with stand a
continuous output short.
B. The reverse voltage rating of the diode should be at least
1.25 times the maximum input voltage.
4. Inductor Selection (L1)
A. Use the following formula to calculate the inductor
Volt x microsecond [V x
µs] constant:
E x T = ( VIN – VOUT)
VOUT
x
10
6
[V x
µsec]
VIN
F[Hz]
B. Match the calculated E x T value with the corresponding
number on the vertical axis of the Inductor Value
Selection Guide shown in Figure 37. This E x T constant
is a measure of the energy handling capability of an
inductor and is dependent upon the type of core, the core
area, the number of turns, and the duty cycle.
C. Next step is to identify the inductance region intersected
by the E x T value and the maximum load current value
on the horizontal axis shown in Figure 35.
D. From the inductor code, identify the inductor value. Then
select an appropriate inductor from Table 1 or Table 2.
The inductor chosen must be rated for a switching
frequency of 52kHz and for a current rating of 1.15 x
ILOAD . The inductor current rating can also be deter-
mined by calculating the inductor peak current:
IP (max) = ILOAD(max) +
(VIN – VOUT) tON
2L
where tON is the "on" time of the power switch and
tON =
(VOUT
x
1.0 )
VIN
fOSC
For additional information about the inductor, see
the inductor section in the “External Components”
section of this data sheet.
3. Catch Diode Selection (D1)
A. For this example, a 3.0A current rating is adequate.
B. Use a 20V IN5820 or MBR320 Schottky diode or any
suggested fast recovery diodes in Table 4.
4. Inductor Selection (L1)
A. Calculate E x T [V x
µsec] constant:
E x T = ( 12 – 8.0) x
8.0
x
1000
= 51[V x
µsec]
12
52
B. E x T = 51 [V x
µsec]
C. ILOAD(max) = 1.0A
Inductance Region = L220
D. Proper inductor value = 220
µH
Choose the inductor from Table 1 or Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com