Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-PS1-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # R8-PS1-R
Description  Remote I/O R8 Series EXTENSION POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PS1-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  R8-PS1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-PS1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-PS1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: R8-PS1
http://www.m-system.co.jp/
R8-PS1 SPECIFICATIONS
ES-9789 Rev.4 Page 3/3
DIMENSIONS unit: mm (inch)
[3 (.12)]
[4 (.16)]
[72 (2.83)]
55 (2.17)
24 (.95)
DIN RAIL
(35 mm wide)
SCHEMATIC CIRCUITRY
Note: In order to improve EMC performance, bond the FE1 terminal to ground.
Caution: FE1 terminal is NOT a protective conductor terminal.
EXC. SUPPLY (24V)
INTERNAL POWER (5V)
INTERNAL BUS
INTERNAL BUS
+24V
0V
+
−
FE1
Internal bus is connected for the modules near to the power/network module out of the modules connected to the R8-PS1. Internal
power and Exc. supply are not connected. All modules far from the power/network module are connected.
POWER LED
Power
Circuit
(No isolation)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com