Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-PS1-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # R8-PS1-R
Description  Remote I/O R8 Series EXTENSION POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PS1-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  R8-PS1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-PS1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-PS1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: R8-PS1
http://www.m-system.co.jp/
R8-PS1 SPECIFICATIONS
ES-9789 Rev.4 Page 2/3
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive
EN 50581
EXTERNAL VIEW
■ FRONT VIEW
■ SIDE VIEW
Internal Bus Connector
Connector for Power Supply and
Excitation Supply
Power indicator LED
Unused
24V
0V
+
-
FE1
Power
CONNECTION DIAGRAMS
PIN
ID
FUNCTION
No.
1
24V
Power supply 24V DC
2
0V
Power supply 0V DC
3
+
Excitation supply 24V DC
4
−
Excitation supply 0V DC
5
FE1
Grounding
1
2
3
4
5
Note: The numbers marked on the connector have no relationship to the pin number of the unit.
Wire according to the instruction manual of the unit.
■ POWER SUPPLY, EXCITATION SUPPLY CONNECTOR ASSIGNMENT
Printed-circuit board connector (Phoenix Contact)
Unit side connector: MC1,5/5-GF-3,5
Cable side connector: TFMC1,5/5-STF-3,5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com