Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-PS1-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-PS1-R
Description  Remote I/O R8 Series EXTENSION POWER SUPPLY MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-PS1-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-PS1-R Datasheet HTML 1Page - M-System Co.,Ltd. R8-PS1-R Datasheet HTML 2Page - M-System Co.,Ltd. R8-PS1-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: R8-PS1
http://www.m-system.co.jp/
R8-PS1 SPECIFICATIONS
ES-9789 Rev.4 Page 1/3
Remote I/O R8 Series
EXTENSION POWER SUPPLY MODULE
(non-isolated)
Functions & Features
• Inserted between I/O modules and supply the power
• Up to two R8-PS1 use is available
24 (.94)
mm (inch)
115
(4.53)
72 (2.83)
MODEL: R8–PS1-R[1]
ORDERING INFORMATION
• Code number: R8-PS1-R[1]
Specify a code from below for [1].
(e.g. R8-PS1-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
POWER INPUT
DC power
R: 24 V DC
(Operational voltage range: ±10 %; ripple 10 %p-p max.)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
CAUTION
OUTPUT CURRENT & NUMBER OF CONNECTABLE UNIT
It is NOT available to connect 16 of R8-YV4N to
power/network module because of limitation of output
current of internal supply. The max. output current for
internal supply of power/network module is 1.6 A.
The max. consumption current for internal supply of R8-
YV4N is 160 mA.
1.6 (A) < 160 (mA) x 16 = 2.56 (A)
Inserting the R8-PS1 between 10th and 11th R8-YV4N
enables to connect 16 of R8-YV4N.
POWER UP
Turn the power on at the same time as the power/network
module or turn the R8-PS1 on before the power/network
module turned on. If the R8-PS1 is not turned on within 3
seconds after the power/network module is turned on, I/O
modules are not correctly recognized
GENERAL SPECIFICATIONS
Connection
•Power input, excitation supply: Tension clamp (Front Twin
connection)
Applicable wire size: 0.2 - 1.5 mm2
Stripped length: 10 mm
•Internal bus or internal power: Via connector
Max. number of I/O modules: 16
(Max. consumption current of I/O modules: 1.6 A)
Isolation: Internal bus or internal power or power input to
exc. supply to FE1
Power LED: Green light turns on when the power is supplied.
INSTALLATION
Power consumption
•DC: Approx. 11 W 24 V DC (@ internal power max. current
1.6 A)
Internal power supply (power supply for I/O module):
• DC power supply: 5 V DC
• Current capacity: 1.6 A
Excitation supply output (excitation for I/O module)
•DC: 24 V DC ±10 %
•Operational current: 8 A
(From power supply, exitation supply connector, via
connector for internal bus, supplied to each I/O module.
Power output current consumption must be under
operational current.)
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 100 g (3.53 oz)
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(internal bus or internal power or power input to exc. supply
to FE1)


Similar Part No. - R8-PS1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-PA4 MSYSTEM-R8-PA4 Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4A MSYSTEM-R8-PA4A Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4A/Q MSYSTEM-R8-PA4A/Q Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4B MSYSTEM-R8-PA4B Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
R8-PA4B/Q MSYSTEM-R8-PA4B/Q Datasheet
187Kb / 4P
Remote I/O R8 Series TOTALIZED PULSE INPUT MODULE, 4 points
More results

Similar Description - R8-PS1-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
ESR8FST4N MSYSTEM-ESR8FST4N Datasheet
288Kb / 5P
Remote I/O R8 Series
ESR8DCT4D MSYSTEM-ESR8DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series
R8-NM1 MSYSTEM-R8-NM1 Datasheet
443Kb / 10P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NEIP1 MSYSTEM-R8-NEIP1 Datasheet
232Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NECT1 MSYSTEM-R8-NECT1 Datasheet
233Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-ND1 MSYSTEM-R8-ND1 Datasheet
320Kb / 4P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-NC3 MSYSTEM-R8-NC3 Datasheet
306Kb / 5P
Remote I/O R8 Series POWER/NETWORK MODULE
R8-DCT4D MSYSTEM-R8-DCT4D Datasheet
215Kb / 4P
Remote I/O R8 Series RELAY OUTPUT MODULE
R8-TS2 MSYSTEM-R8-TS2 Datasheet
219Kb / 4P
Remote I/O R8 Series THERMOCOUPLE INPUT MODULE
R8-TC2 MSYSTEM-R8-TC2 Datasheet
256Kb / 7P
Remote I/O R8 Series TEMPERATURE CONTROL MODULE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com