Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DCM32B2/Q Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # R8-DCM32B2/Q
Description  Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 32 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM32B2/Q Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  R8-DCM32B2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: R8-DCM32B2
http://www.m-system.co.jp/
R8-DCM32B2 SPECIFICATIONS
ES-9790 Rev.2 Page 4/5
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
Comm.
Circuit
Power
Circuit
INTERNAL POWER
INTERNAL BUS
EXC. SUPPLY
Control
Circuit
OUTPUT
STATUS
IND.
STATUS
IND.
SETTING
SW
+24V
0V
1
5
2
3
6
4
7
13
8
9
11
10
14
12
15
16
0V
0V
0V
Do 1
Do 2
Do 3
Do 4
Do 5
Do 6
Do 7
Do 8
Do 11
Do 12
Do 13
Do 14
Do 15
Do 16
0V
0V
0V
0V
0V
0V
Do 9
Do 10
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
L
17 Do 17
L
18 Do 18
L
19 Do 19
L
20 Do 20
L
21 Do 21
L
22 Do 22
L
23 Do 23
L
24 Do 24
L
25 Do 25
L
26 Do 26
L
27 Do 27
L
28 Do 28
L
29 Do 29
L
30 Do 30
L
31 Do 31
L
32 Do 32
L
33
34
35
36
37
38
39
40
+
–
Output
Circuit
+24V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com