Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DCM32B2/Q Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # R8-DCM32B2/Q
Description  Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 32 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM32B2/Q Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  R8-DCM32B2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: R8-DCM32B2
http://www.m-system.co.jp/
R8-DCM32B2 SPECIFICATIONS
ES-9790 Rev.2 Page 5/5
■ OUTPUT CIRCUIT
Output
Circuit
1 Do 1
32
33
40
Do 32
+24V
0V
0V
0V
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com