Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8-DCM32B2/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # R8-DCM32B2/Q
Description  Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 32 points
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R8-DCM32B2/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  R8-DCM32B2/Q Datasheet HTML 1Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 2Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 3Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 4Page - M-System Co.,Ltd. R8-DCM32B2/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R8-DCM32B2
http://www.m-system.co.jp/
R8-DCM32B2 SPECIFICATIONS
ES-9790 Rev.2 Page 1/5
Remote I/O R8 Series
PNP TRANSISTOR OUTPUT MODULE, 32 points
(with shortcircuit protection)
Functions & Features
• 32 channels for discrete output, compact size remote I/O
module
• 40 pin MIL connector
24 (.94)
75 (2.95)
mm (inch)
115
(4.53)
MODEL: R8-DCM32B2[1]
ORDERING INFORMATION
• Code number: R8-DCM32B2[1]
Specify a code from below for [1].
(e.g. R8-DCM32B2/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
RELATED PRODUCTS
• PC configurator software (model: R8CFG)
A dedicated cable is required to connect the module to the
PC. Please refer to the users manual for the PC configurator
for applicable cable types.
Note: When using with Power/Network module (model: R8-
NECT1), firmware version Ver1.30 or later is supported.
GENERAL SPECIFICATIONS
Connection
•Output:40-pin MIL connector
PWB connector XG4A-4034 (Omron)
Recommended socket XG5N-401 (Omron)
Recommended contact XG5W-0231 (Omron)
Applicable wire size AWG22, number of conductor
17, diameter of conductor 0.16 mm (The socket and
contact are not included in the package. Refer to the
specifications of the product.)
•Excitation supply, internal bus:
Connected to internal bus connector
•Internal power: Supplied from internal bus connector
Isolation: Output or exc. supply to internal bus or internal
power
Module address: With DIP switch
Output at the loss of communication: Selectable with the
side DIP SW
Terminating resistor: Built-in (DIP Switch, default: disable)
Configuration mode: With DIP switches on the side panel
Status indicator: Bi-color (red/green) LED; Refer to the
instruction manual.
Discrete output status indicators: Green LED; Switch
between output 1 to 16 and 17 to 32. Refer to the
instruction manual.
OUTPUT SPECIFICATIONS
Common: Positive common (PNP) per 32 points
Maximum outputs applicable at once: No limit (at 24 V DC)
Number of output: 32 points
Rated load voltage: 24 V DC ±10 %
Rated output current: 50 mA per point, 1.6 A per common
Residual voltage: ≤ 0.5 V
Leakage current: ≤ 0.1 mA
ON delay: ≤ 0.5 msec.
OFF delay: ≤ 1.5 msec.
With shortcircuit protection
With overheat protection
(When driving an inductive load, connect a diode in parallel
with the load.)
INSTALLATION
Max. current consumption: 110 mA
Operating temperature: -10 to +55°C (14 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: DIN rail
Weight: 110 g (0.24 lb)
PERFORMANCE
Data allocation: 1
Module addresses in use: 2
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500V AC @1 minute


Similar Part No. - R8-DCM32B2/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DCM16A MSYSTEM-R8-DCM16A Datasheet
181Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH/Q MSYSTEM-R8-DCM16ALH/Q Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALK MSYSTEM-R8-DCM16ALK Datasheet
231Kb / 7P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALK/Q MSYSTEM-R8-DCM16ALK/Q Datasheet
231Kb / 7P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
More results

Similar Description - R8-DCM32B2/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R8-DCT8B2 MSYSTEM-R8-DCT8B2 Datasheet
322Kb / 6P
Remote I/O R8 Series PNP TRANSISTOR OUTPUT MODULE, 8 points
R8-DCT8A2 MSYSTEM-R8-DCT8A2 Datasheet
322Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 8 points
R8-DCT16A2 MSYSTEM-R8-DCT16A2 Datasheet
245Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALZ MSYSTEM-R8-DCM16ALZ Datasheet
188Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALK MSYSTEM-R8-DCM16ALK Datasheet
231Kb / 7P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16ALH MSYSTEM-R8-DCM16ALH Datasheet
222Kb / 6P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DCM16A MSYSTEM-R8-DCM16A Datasheet
181Kb / 5P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE, 16 points
R8-DC4A2 MSYSTEM-R8-DC4A2 Datasheet
197Kb / 3P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DC4A MSYSTEM-R8-DC4A Datasheet
201Kb / 4P
Remote I/O R8 Series NPN TRANSISTOR OUTPUT MODULE
R8-DAT8B2 MSYSTEM-R8-DAT8B2 Datasheet
299Kb / 5P
Remote I/O R8 Series PNP DISCRETE INPUT MODULE, 8 points
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com