Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD291 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # CMD291
Description  16-24 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD291 Datasheet(HTML) 1 Page - Qorvo, Inc

  CMD291 Datasheet HTML 1Page - Qorvo, Inc CMD291 Datasheet HTML 2Page - Qorvo, Inc CMD291 Datasheet HTML 3Page - Qorvo, Inc CMD291 Datasheet HTML 4Page - Qorvo, Inc CMD291 Datasheet HTML 5Page - Qorvo, Inc CMD291 Datasheet HTML 6Page - Qorvo, Inc CMD291 Datasheet HTML 7Page - Qorvo, Inc CMD291 Datasheet HTML 8Page - Qorvo, Inc CMD291 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
The CMD291 is a wideband GaAs MMIC driver
amplifier die which operates from 16 to 24 GHz.
The broadband device is ideally suited for
applications requiring high dynamic range. The
CMD291 delivers 23 dB of gain with a
corresponding output 1 dB compression point of
+25.5 dBm and output IP3 of 32 dBm at 20 GHz.
The amplifier is a 50 ohm matched design which
eliminates the need for external DC blocks and
RF port matching. The CMD291 offers full
passivation for increased reliability and moisture
protection.
► Wideband performance
► High gain
► High linearity
► HMC498 replacement
► Small die size
Electrical Performance - Vdd = 5 V, Idd = 250 mA, TA = 25
oC, F = 20 GHz
Features
Description
Functional Block Diagram
ver 1.1 1018
Parameter
Min
Typ
Max
Units
Frequency Range
GHz
Gain
23
dB
Noise Figure
5
dB
Input Return Loss
19
dB
Output Return Loss
15
dB
Output P1dB
25.5
dBm
Supply Current
250
mA
16 - 24
Psat
27
dBm
Output IP3
32
dBm
CMD291
16-24 GHz Driver Amplifier
RFIN
RFOUT
Vdd1
Vgg
Vdd2
Vdd3


Similar Part No. - CMD291

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD2910 MMIC-CMD2910 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
logo
Qorvo, Inc
CMD291P4 QORVO-CMD291P4 Datasheet
388Kb / 13P
16-24 GHz Driver Amplifier
More results

Similar Description - CMD291

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD158 MMIC-CMD158 Datasheet
207Kb / 10P
6-16 GHz Driver Amplifier
CMD158C4 MMIC-CMD158C4 Datasheet
248Kb / 10P
6-16 GHz Driver Amplifier
CMD197C4 MMIC-CMD197C4 Datasheet
278Kb / 10P
1-24 GHz Distributed Driver Amplifier
CMD197 MMIC-CMD197 Datasheet
387Kb / 10P
1-24 GHz Distributed Driver Amplifier
CMD305 MMIC-CMD305 Datasheet
229Kb / 12P
6-16 GHz Driver Amplifier
CMD2910 MMIC-CMD2910 Datasheet
227Kb / 12P
16-24 GHz Driver Amplifier
logo
Qorvo, Inc
CMD291P4 QORVO-CMD291P4 Datasheet
388Kb / 13P
16-24 GHz Driver Amplifier
CMD317C4 QORVO-CMD317C4 Datasheet
430Kb / 14P
1-24 GHz Distributed Driver Amplifier
CMD305C4 QORVO-CMD305C4 Datasheet
377Kb / 13P
6-16 GHz Driver Amplifier
CMD305 QORVO-CMD305 Datasheet
566Kb / 13P
6-16 GHz Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com