Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD291 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # CMD291
Description  16-24 GHz Driver Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD291 Datasheet(HTML) 2 Page - Qorvo, Inc

  CMD291 Datasheet HTML 1Page - Qorvo, Inc CMD291 Datasheet HTML 2Page - Qorvo, Inc CMD291 Datasheet HTML 3Page - Qorvo, Inc CMD291 Datasheet HTML 4Page - Qorvo, Inc CMD291 Datasheet HTML 5Page - Qorvo, Inc CMD291 Datasheet HTML 6Page - Qorvo, Inc CMD291 Datasheet HTML 7Page - Qorvo, Inc CMD291 Datasheet HTML 8Page - Qorvo, Inc CMD291 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
300 Apollo Drive Chelmsford, MA 01824 Phone (978) 467-4290 Fax (978) 467-4294
Visit us online at www.custommmic.com
Parameter
Min
Typ
Max
Units
Vdd
3
5
5.5
V
Idd
250
mA
Vgg
-0.5
V
Electrical performance is measured at specific
test conditions. Electrical specifications are not
guaranteed over all recommended operating con-
ditions.
Absolute Maximum Ratings
Recommended Operating Conditions
Electrical Specifications, Vdd = 5 V, Idd = 250 mA, TA = 25
oC
Specifications
Parameter
Rating
Drain Voltage, Vdd
5.5
Gate Voltage, Vgg
-2.5 V to 0 V
RF Input Power
+18 dBm
Channel Temperature, Tch
150 °C
Power Dissipation, Pdiss
1.83 W
Thermal Resistance, Θ JC
35.5 °C/W
Operating Temperature
-55 to 85 °C
Storage Temperature
-55 to 150 °C
ver 1.1 1018
Parameter
Min
Typ
Max
Min
Typ
Max
Units
Frequency Range
16 - 20
20 - 24
GHz
Gain
20
23
19
22.5
dB
Noise Figure
5
5
dB
Input Return Loss
15
20
dB
Output Return Loss
13
15
dB
Output P1dB
22.5
25.5
23
26
dBm
Psat
26.5
27
dBm
Output IP3
33.5
32.5
dBm
Supply Current
250
325
250
325
mA
Gain Temperature Coefficient
0.029
0.031
dB/°C
Noise Figure Temperature Coefficient
0.014
.014
dB/°C
CMD291
16-24 GHz Driver Amplifier
Exceeding any one or combination of the maximum ratings
may cause permanent damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com